전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RSC5-7 데이터시트(PDF) 34 Page - Lumberg

부품명 RSC5-7
상세설명  Connectors & Components for Automation Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LUMBERG [Lumberg]
홈페이지  http://www.lumberg.com
Logo LUMBERG - Lumberg

RSC5-7 데이터시트(HTML) 34 Page - Lumberg

Back Button RSC5-7 Datasheet HTML 30Page - Lumberg RSC5-7 Datasheet HTML 31Page - Lumberg RSC5-7 Datasheet HTML 32Page - Lumberg RSC5-7 Datasheet HTML 33Page - Lumberg RSC5-7 Datasheet HTML 34Page - Lumberg RSC5-7 Datasheet HTML 35Page - Lumberg RSC5-7 Datasheet HTML 36Page - Lumberg RSC5-7 Datasheet HTML 37Page - Lumberg RSC5-7 Datasheet HTML 38Page - Lumberg Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 178 page
background image
1-717-217-2299
www.lumberg-automationusa.com
34
M8 Male Straight – M8 Female Straight
M8 Cordsets, Double Ended, Male Straight to Female
Straight with Threaded Connector 3-Poles and
Molded Cable. IP 67 Rated.
Cable Types:
224
= PUR, halogen-free, black
M8 Male Straight – M8 Female 90˚
M8 Cordsets, Double Ended, Male Straight to Female
90˚ with Threaded Connector 3-Poles and Molded
Cable. IP 67 Rated.
Cable Types:
224
= PUR, halogen-free, black
M8 Male Straight – M8 Female 90˚ (LED)
M8 Cordsets, Double Ended, Male Straight to Female
90˚ with LED and Threaded Connector 3-Poles and
Molded Cable. IP 67 Rated.
Cable Types:
224
= PUR, halogen-free, black
M8 Male Straight – M12 Female Straight
M8 Cordsets, Double Ended, M8 Male Straight to M12
Female Straight with Threaded Connector 3-Poles
and Molded Cable. IP 67 Rated.
Cable Types:
224
= PUR, halogen-free, black
RSMV-RKMV
RSMV-RKMWV
RSMV-RKMWV/LED
RSMV-RKT
Part No.
RSMV 3-RKMV 3-224/0,6
RSMV 3-RKMV 3-224/1 M
RSMV 3-RKMV 3-224/2 M
Part No.
RSMV 3-RKMWV 3-224/0,6 M
RSMV 3-RKMWV 3-224/1 M
RSMV 3-RKMWV 3-224/2 M
Part No.
RSMV 3-RKMWV/LED A 3-224/0,6 M
RSMV 3-RKMWV/LED A 3-224/1 M
RSMV 3-RKMWV/LED A 3-224/2 M
Part No.
RSMV 3-RKT 4-3-224/0,6 M
RSMV 3-RKT 4-3-224/1 M
RSMV 3-RKT 4-3-224/2 M
M8-Double-Ended Cordsets for Actuators, Sensors and Distribution Boxes
Connector Types: M8-M8 and M8-M12
M8 Male Straight – M8 Female Snap-In
M8 Cordsets, Double Ended, Male Straight with
Threaded Joint to Female Straight (Snap-In)
Connector 3-Poles and Molded Cable.
IP 67 / IP 65 Rated.
Cable Types:
224
= PUR, halogen-free, black
RSMV-RKM
Part No.
RSMV 3-RKM 3-224/0,6
RSMV 3-RKM 3-224/1 M
RSMV 3-RKM 3-224/2 M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More