전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RSC5-7 데이터시트(PDF) 74 Page - Lumberg

부품명 RSC5-7
상세설명  Connectors & Components for Automation Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LUMBERG [Lumberg]
홈페이지  http://www.lumberg.com
Logo LUMBERG - Lumberg

RSC5-7 데이터시트(HTML) 74 Page - Lumberg

Back Button RSC5-7 Datasheet HTML 70Page - Lumberg RSC5-7 Datasheet HTML 71Page - Lumberg RSC5-7 Datasheet HTML 72Page - Lumberg RSC5-7 Datasheet HTML 73Page - Lumberg RSC5-7 Datasheet HTML 74Page - Lumberg RSC5-7 Datasheet HTML 75Page - Lumberg RSC5-7 Datasheet HTML 76Page - Lumberg RSC5-7 Datasheet HTML 77Page - Lumberg RSC5-7 Datasheet HTML 78Page - Lumberg Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 178 page
background image
1-717-217-2299
www.lumberg-automationusa.com
74
M12-Round Connectors In Accordance with IEC 61076-2-101
M12-Field Attachable Connectors
1/2”-20-Round Connectors
1/2”-20 Field Attachable Connectors
RKCQS | 0976 PFC 102
Part No.
RKCQS 4/3/9
RKCQS 4/9
0976 PFC 102
M12 Field Attachable, Male Straight
Field Attachable Connector, M12 Male Straight,
3- and 4-Poles with Threaded Joint, Shieldable,
Assembling with Spring-Type Terminals. IP 67 Rated.
0976 PFC 102: 4-Poles (only), B Coding, especially
suitable for Profibus Signal Cable: 0975 254 000/...M
Screw Joints for Cables
All:
Ø 4,0-9.0 mm
RSC 3U
RSCW 3U
Part No.
RSC 3U/7
RSC 3U/9
Part No.
RSCW 3U/7
RSCW 3U/9
1/2”-20 Field Attachable, Male Straight
Field Attachable Connector, 1/2”-20 Male Straight,
3-Poles, Duel Keyway for up to 18 AWG wires.
IP 67 Rated.
Screw Joints for Cables
3U/7: Ø 3,0-6,5 mm
3U/9: Ø 4,0-8,0 mm
1/2”-20 Field Attachable, Male 90˚
Field Attachable Connector, 1/2”-20 Male 90
˚,
3-Poles, Duel Keyway for up to 18 AWG wires.
IP 67 Rated.
Screw Joints for Cables
3U/7: Ø 3,0-6,5 mm
3U/9: Ø 4,0-8,0 mm
RKC 3U
Part No.
RKC 3U/7
RKC 3U/9
1/2”-20 Field Attachable, Female Straight
Field Attachable Connector, 1/2”-20 Female Straight,
3-Poles, Duel Keyway for up to 18 AWG wires.
IP 67 Rated.
Screw Joints for Cables
3U/7: Ø 3,0-6,5 mm
3U/9: Ø 4,0-8,0 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com