전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RSC5-7 데이터시트(PDF) 112 Page - Lumberg

부품명 RSC5-7
상세설명  Connectors & Components for Automation Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LUMBERG [Lumberg]
홈페이지  http://www.lumberg.com
Logo LUMBERG - Lumberg

RSC5-7 데이터시트(HTML) 112 Page - Lumberg

Back Button RSC5-7 Datasheet HTML 108Page - Lumberg RSC5-7 Datasheet HTML 109Page - Lumberg RSC5-7 Datasheet HTML 110Page - Lumberg RSC5-7 Datasheet HTML 111Page - Lumberg RSC5-7 Datasheet HTML 112Page - Lumberg RSC5-7 Datasheet HTML 113Page - Lumberg RSC5-7 Datasheet HTML 114Page - Lumberg RSC5-7 Datasheet HTML 115Page - Lumberg RSC5-7 Datasheet HTML 116Page - Lumberg Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 178 page
background image
1-717-217-2299
www.lumberg-automationusa.com
112
0905 356 305/0,6 M | 0905 356 304/...M | 0905 356 306/...M
Part No.
0905 356 305/0,6 M
0905 356 304/5 M
0905 356 304/10 M
0905 356 304/15 M
0905 356 306/5 M
0905 356 306/10 M
0905 356 306/15 M
Power Supply Cable
0905 356 305/0,6 M: Double-Ended Cordset with
7/8” Male 90
˚ Connector and 7/8” Female 90˚
Connector, 4 Poles, 0.6 Meters
0905 356 304/...M: Single-Ended Cordset with 7/8”
Female 90
˚ Connector, 4 Poles
0905 356 306/...M: Single-Ended Cordset with 7/8”
Male 90
˚ Connector, 4 Poles
0905 203 302/0,6 M | 0905 203 301/...M
0905 356 312/0,6 M | 0905 356 311/...M | 0905 356 313/...M
Part No.
0905 203 302/0,6 M
0905 203 301/5 M
0905 203 301/10 M
0905 203 301/15 M
Part No.
0905 356 312/0,6 M
0905 356 311/5 M
0905 356 311/10 M
0905 356 311/15 M
0905 356 313/5 M
0905 356 313/10 M
0905 356 313/15 M
Power Supply Cable
0905 203 302/0,6 M: Double-Ended Cordset with
7/8” Male Connector and 7/8” Female Connector,
3 Poles, 0.6 Meters
0905 203 301/...M: Single-Ended Cordset with 7/8”
Female Connector, 3 Poles
Power Supply Cable
0905 356 312/0,6 M: Double-Ended Cordset with
7/8” Male Connector and 7/8” Female Connector,
4 Poles, 0.6 Meters
0905 356 311/...M: Single-Ended Cordset with 7/8”
Female Connector, 4 Poles
0905 356 313/...M: Single-Ended Cordset with 7/8”
Male Connector, 4 Poles
DeviceNet
DeviceNet Power Supply Cables | Taps
7/8”-Female - 2x7/8” Male/Female
T-Splitter, 5-Poles with One 7/8” Female, One 7/8”
Male and One 7/8” Female Connector, IP 67 Rated.
0906 UTP 301
Part No.
0906 UTP 301
7/8”
7/8” A 7/8” B
M12-Male - 2xM12 Male/Female
T-Splitter, 5-Poles with One M12 Female, One M12
Male and One M12 Female Connector, IP 67 Rated.
– especially suitable for DeviceNet and CANopen
modules with M12 bus connection –
0906 UTP 101
Part No.
0906 UTP 101
M12
A
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com