| 전자부품 데이터시트 검색엔진 |
|
CS5530 데이터시트(PDF) 42 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
CS5530 데이터시트(HTML) 42 Page - National Semiconductor (TI) |
|
42 / 241 page ![]() www.national.com 42 Revision 4.1 Functional Description (Continued) 3.1.1 Display Subsystem Connections When the GXLV processor is used in a system with the CS5530, the need for an external RAMDAC is eliminated. The CS5530 contains the DACs, a video accelerator engine, and the TFT interface. The CS5530 also supports both portable and desktop configurations. Figure 3-2 shows the signal connections for both types of systems. Figure 3-3 details how PIXEL[17:0] on the processor con- nects with PIXEL[23:0] of the CS5530. Figure 3-2. Portable/Desktop Display Subsystem Configurations DCLK PCLK FP_HSYNC FP_VSYNC ENA_DISP VID_RDY VID_CLK VID_DATA[7:0] PIXEL[17:12] PIXEL[11:6] HSYNC VSYNC R[5:0] G[5:0] B[5:0] CLK VDD 12VBKL Pin 13 Pin 14 Pin 3 Pin 2 Pin 1 Pwr Cntrl ENAB VGA Pin 15 Pin 12 Geode™ CS5530 I/O Companion DCLK PCLK FP_HSYNC FP_VSYNC ENA_DISP VID_RDY VID_CLK VID_DATA[7:0] PIXEL[23:18]* PIXEL[15:10]* PIXEL[5:0] VID_VAL CRT_HSYNC CRT_VSYNC PIXEL[7:2]* VID_VAL HSYNC VSYNC FP_ENA_VDD FP_ENA_BKL FP_DISP_ENA_OUT FP_HSYNC_OUT FP_VSYNC_OUT FP_CLK FP_DATA[17:12] FP_DATA[11:6] FP_DATA[5:0] Logic HSYNC_OUT VSYNC_OUT IOUTR IOUTG IOUTB DDC_SCL DDC_SDA Note: *Connect PIXEL[17:16] PIXEL[9:8], and PIXEL[1:0] on the CS5530 to ground. See Figure 3-3. Port Portable Configuration TFT Flat R[5:0] G[5:0] B[5:0] HSYNC VSYNC CLK TV NTSC/PAL Encoder Panel Geode™ Processor GXLV |