전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UM1431 데이터시트(PDF) 3 Page - Union Semiconductor, Inc.

부품명 UM1431
상세설명  30V Input, 100mA Current Limit, Micropower Linear Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UNIONSEMI [Union Semiconductor, Inc.]
홈페이지  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM1431 데이터시트(HTML) 3 Page - Union Semiconductor, Inc.

  UM1431 Datasheet HTML 1Page - Union Semiconductor, Inc. UM1431 Datasheet HTML 2Page - Union Semiconductor, Inc. UM1431 Datasheet HTML 3Page - Union Semiconductor, Inc. UM1431 Datasheet HTML 4Page - Union Semiconductor, Inc. UM1431 Datasheet HTML 5Page - Union Semiconductor, Inc. UM1431 Datasheet HTML 6Page - Union Semiconductor, Inc. UM1431 Datasheet HTML 7Page - Union Semiconductor, Inc. UM1431 Datasheet HTML 8Page - Union Semiconductor, Inc. UM1431 Datasheet HTML 9Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.01 Apr.2016
3/19
UM1431/1441
Pin Description
Naming Information
UM1431/1441
Package Type
S: SOT23-3(UM1431)
SOT23-5(UM1441)
S5: SOT23-5
Y: SOT89-5(UM1441)
SOT89-3(UM1431, Tab connected to VIN)
B: SOT89-3(UM1431, Tab connected to GND)
Output Voltage
20: 2.0V
21: 2.1V
22: 2.2V
……
60: 6.0V
Pin Name
Pin Function
EN
Enable Input: High=Activate LDO, Low=Shutdown LDO
GND
Ground
VIN
Supply Input
VOUT
Voltage Regulated Output
NC
Not Connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19