전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UM1431 데이터시트(PDF) 6 Page - Union Semiconductor, Inc.

부품명 UM1431
상세설명  30V Input, 100mA Current Limit, Micropower Linear Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UNIONSEMI [Union Semiconductor, Inc.]
홈페이지  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM1431 데이터시트(HTML) 6 Page - Union Semiconductor, Inc.

Back Button UM1431 Datasheet HTML 2Page - Union Semiconductor, Inc. UM1431 Datasheet HTML 3Page - Union Semiconductor, Inc. UM1431 Datasheet HTML 4Page - Union Semiconductor, Inc. UM1431 Datasheet HTML 5Page - Union Semiconductor, Inc. UM1431 Datasheet HTML 6Page - Union Semiconductor, Inc. UM1431 Datasheet HTML 7Page - Union Semiconductor, Inc. UM1431 Datasheet HTML 8Page - Union Semiconductor, Inc. UM1431 Datasheet HTML 9Page - Union Semiconductor, Inc. UM1431 Datasheet HTML 10Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.01 Apr.2016
6/19
UM1431/1441
Ordering Information (Continued)
Part Number
Output Voltage
Packaging Type
Marking Code
Shipping Qty
UM1431Y-20
2.0V
SOT89-3
(Tab connected to
VIN)
4RA
1000pcs/7Inch
Tape & Reel
UM1431Y-21
2.1V
4RB
UM1431Y-22
2.2V
4R2
UM1431Y-23
2.3V
4R3
UM1431Y-24
2.4V
4R4
UM1431Y-25
2.5V
4R5
UM1431Y-26
2.6V
4R6
UM1431Y-27
2.7V
4R7
UM1431Y-28
2.8V
4R8
UM1431Y-29
2.9V
4R9
UM1431Y-30
3.0V
4RC
UM1431Y-31
3.1V
4RD
UM1431Y-32
3.2V
4RE
UM1431Y-33
3.3V
4RF
UM1431Y-34
3.4V
4RH
UM1431Y-35
3.5V
4RL
UM1431Y-36
3.6V
4RM
UM1431Y-37
3.7V
4RJ
UM1431Y-38
3.8V
4RK
UM1431Y-39
3.9V
4RN
UM1431Y-40
4.0V
4RP
UM1431Y-41
4.1V
4RQ
UM1431Y-42
4.2V
4RR
UM1431Y-43
4.3V
4RS
UM1431Y-44
4.4V
4RT
UM1431Y-45
4.5V
4RY
UM1431Y-46
4.6V
4RU
UM1431Y-47
4.7V
4RZ
UM1431Y-48
4.8V
4FF
UM1431Y-49
4.9V
4FH
UM1431Y-50
5.0V
4FL
UM1431Y-51
5.1V
4FM
UM1431Y-52
5.2V
4FJ
UM1431Y-53
5.3V
4FK
UM1431Y-54
5.4V
4FN
UM1431Y-55
5.5V
4FP
UM1431Y-56
5.6V
4FQ
UM1431Y-57
5.7V
4FR
UM1431Y-58
5.8V
4FS
UM1431Y-59
5.9V
4FT
UM1431Y-60
6.0V
4FY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com