| 전자부품 데이터시트 검색엔진 |
|
74LVC2G66 데이터시트(PDF) 15 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
74LVC2G66 데이터시트(HTML) 15 Page - NXP Semiconductors |
|
15 / 22 page ![]() 9397 750 13259 © Koninklijke Philips Electronics N.V. 2004. All rights reserved. Product data sheet Rev. 01 — 29 June 2004 15 of 22 Philips Semiconductors 74LVC2G66 Bilateral switch Test conditions: VCC = 1.65 V: Vi = 1.4 V (p-p). VCC = 2.3 V: Vi = 2 V (p-p). VCC = 3 V: Vi = 2.5 V (p-p). VCC = 4 V: Vi = 4 V (p-p). Fig 17. Test circuit for measuring sine-wave distortion. Fig 18. Test circuit for measuring the frequency response when switch is in ON-state. Fig 19. Test circuit for measuring feed-through attenuation when switch is in OFF-state. 001aaa544 Z or Y Y or Z fi GND 600 Ω 10 µF VCC 0.5VCC VIH D CL RL E 001aaa543 Z or Y Y or Z fi GND 50 Ω 0.1 µF VCC 0.5VCC VIH dB CL RL E 001aaa545 Z or Y Y or Z fi GND 50 Ω 0.1 µF VCC 0.5VCC 0.5VCC VIL dB CL RL RL E |