전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DP83850CVF 데이터시트(PDF) 28 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 DP83850CVF
상세설명  100 Mb/s TX/T4 Repeater Interface Controller (100RIC??
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83850CVF 데이터시트(HTML) 28 Page - National Semiconductor (TI)

Back Button DP83850CVF Datasheet HTML 24Page - National Semiconductor (TI) DP83850CVF Datasheet HTML 25Page - National Semiconductor (TI) DP83850CVF Datasheet HTML 26Page - National Semiconductor (TI) DP83850CVF Datasheet HTML 27Page - National Semiconductor (TI) DP83850CVF Datasheet HTML 28Page - National Semiconductor (TI) DP83850CVF Datasheet HTML 29Page - National Semiconductor (TI) DP83850CVF Datasheet HTML 30Page - National Semiconductor (TI) DP83850CVF Datasheet HTML 31Page - National Semiconductor (TI) DP83850CVF Datasheet HTML 32Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
28
www.national.com
6.0 A.C. and D.C. Specifications (Continued)
6.2 A.C. Specifications
6.2.1 Receive Timing
Note 1: “CRSx” and “RXEx” refer to any of the CRS[11:0] signals. In the event of a collision (more than one CRS is
active) none of the RXE signals will be asserted.
Note 2: If, after 4 RXC clocks from CRSx going high, no aligned data is received, the DP83850C 100RIC will repeat the
JAM pattern.
Description
Min
Max
Units
T0 CRSx to RXEx assertion delay (Note 1)
18
ns
T1 CRSx to RXEx de-assertion delay with no collision
3
5
LCK
T2 CRSx to RX_DV delay requirement (Note 2)
40
ns
Description
Min
Max
Units
T3 /IRD_V setup to IRD_CK high
2
ns
T4 /IRD_V hold from IRD_CK high
2
ns
T5 IRD[3:0] or /IRD_ER setup to IRD_CK high
2
ns
T6 IRD[3:0] or /IRD_ER hold from IRD_CK high
2
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com