전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AT45DB1282-TC 데이터시트(PDF) 13 Page - ATMEL Corporation

부품명 AT45DB1282-TC
상세설명  128-megabit 2.7-volt Dual-interface DataFlash
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ATMEL [ATMEL Corporation]
홈페이지  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB1282-TC 데이터시트(HTML) 13 Page - ATMEL Corporation

Back Button AT45DB1282-TC Datasheet HTML 9Page - ATMEL Corporation AT45DB1282-TC Datasheet HTML 10Page - ATMEL Corporation AT45DB1282-TC Datasheet HTML 11Page - ATMEL Corporation AT45DB1282-TC Datasheet HTML 12Page - ATMEL Corporation AT45DB1282-TC Datasheet HTML 13Page - ATMEL Corporation AT45DB1282-TC Datasheet HTML 14Page - ATMEL Corporation AT45DB1282-TC Datasheet HTML 15Page - ATMEL Corporation AT45DB1282-TC Datasheet HTML 16Page - ATMEL Corporation AT45DB1282-TC Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
13
AT45DB1282
2472C–DFLSH–11/03
Notes:
P = Page Address Bit
B = Byte/Buffer Address Bit
x = Don’t Care
*The number with (*) is for 8-bit interface.
Table 4. Detailed Bit-level Addressing Sequence
Opcode
Opcode
Address Byte
Address Byte
Address Byte
Address Byte
Additional
Don’t Care
Bytes*
50h
0 1 0 1 0 0 0 0
xxxxxxxP
PPPPPPPP
PP xxxxxx
xxxxx xxx
N/A
53h
0 1 0 1 0 0 1 1
xxxxxxxP
PPPPPPPP
PPPPPx x x
xxxxx xxx
N/A
54h
0 1 0 1 0 1 0 0
xxxxxxxx
xxxxxxxx
xxxxxB B B
BBBBB BBB
2*
55h
0 1 0 1 0 1 0 1
xxxxxxxP
PPPPPPPP
PPPPPx x x
xxxxx xxx
N/A
56h
0 1 0 1 0 1 1 0
xxxxxxxx
xxxxxxxx
xxxxxB B B
BBBBB BBB
2*
60h
0 1 1 0 0 0 0 0
xxxxxxxP
PPPPPPPP
PPPPPx x x
xxxxx xxx
N/A
61h
0 1 1 0 0 0 0 1
xxxxxxxP
PPPPPPPP
PPPPPx x x
xxxxx xxx
N/A
77h
0 1 1 1 0 1 1 1
xxxxxxxx
xxxxxxxx
xxxxxB B B
BBBBB BBB
3 or 19*
81h
1 0 0 0 0 0 0 1
xxxxxxxP
PPPPPPPP
PPPPPx x x
xxxxx xxx
N/A
84h
1 0 0 0 0 1 0 0
xxxxxxxx
xxxxxxxx
xxxxxB B B
BBBBB BBB
N/A
87h
1 0 0 0 0 1 1 1
xxxxxxxx
xxxxxxxx
xxxxxB B B
BBBBB BBB
N/A
88h
1 0 0 0 1 0 0 0
xxxxxxxP
PPPPPPPP
PPPPPx x x
xxxxx xxx
N/A
89h
1 0 0 0 1 0 0 1
xxxxxxxP
PPPPPPPP
PPPPPx x x
xxxxx xxx
N/A
98h
1 0 0 1 1 0 0 0
xxxxxxxP
PPPPPPPP
PPPPPx x x
xxxxx xxx
N/A
99h
1 0 0 1 1 0 0 1
xxxxxxxP
PPPPPPPP
PPPPPx x x
xxxxx xxx
N/A
9Ah
1 0 0 1 1 0 1 0
xxxxxxxx
xxxxxxxx
xxxxxxxx
xxxxx xxx
N/A
9Fh
10 011 111
N/A
N/A
N/A
N/A
N/A
D2h
1 1 0 1 0 0 1 0
xxxxxxxP
PPPPPPPP
PPPPPBBB
BBBBB BBB
3 or 19*
D4h
1 1 0 1 0 1 0 0
xxxxxxxx
xxxxxxxx
xxxxxB B B
BBBBB BBB
1
D6h
1 1 0 1 0 1 1 0
xxxxxxxx
xxxxxxxx
xxxxxB B B
BBBBB BBB
1
D7h
11 010 111
N/A
N/A
N/A
N/A
1/0 or 1*
E8h
1 1 1 0 1 0 0 0
xxxxxxxP
PPPPPPPP
PPPPPBBB
BBBBB BBB
3 or 19*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com