전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AT45DB1282-TC 데이터시트(PDF) 14 Page - ATMEL Corporation

부품명 AT45DB1282-TC
상세설명  128-megabit 2.7-volt Dual-interface DataFlash
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ATMEL [ATMEL Corporation]
홈페이지  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB1282-TC 데이터시트(HTML) 14 Page - ATMEL Corporation

Back Button AT45DB1282-TC Datasheet HTML 10Page - ATMEL Corporation AT45DB1282-TC Datasheet HTML 11Page - ATMEL Corporation AT45DB1282-TC Datasheet HTML 12Page - ATMEL Corporation AT45DB1282-TC Datasheet HTML 13Page - ATMEL Corporation AT45DB1282-TC Datasheet HTML 14Page - ATMEL Corporation AT45DB1282-TC Datasheet HTML 15Page - ATMEL Corporation AT45DB1282-TC Datasheet HTML 16Page - ATMEL Corporation AT45DB1282-TC Datasheet HTML 17Page - ATMEL Corporation AT45DB1282-TC Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
14
AT45DB1282
2472C–DFLSH–11/03
Note:
1. After power is applied and VCC is at the minimum specified datasheet value, the system should wait 20 ms before an opera-
tional mode is started.
Notes:
1. I
CC1 during a buffer read is 25 mA maximum.
2. ICC2 during a buffer read is 25 mA maximum.
Absolute Maximum Ratings*
Temperature under Bias ................................ -55
°C to +125°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect device
reliability.
Storage Temperature ..................................... -65
°C to +150°C
All Input Voltages
(including NC Pins)
with Respect to Ground ...................................-0.6V to +6.25V
All Output Voltages
with Respect to Ground .............................-0.6V to VCC + 0.6V
DC and AC Operating Range
AT45DB1282
Operating Temperature (Case)
Com.
0
°C to 70°C
Ind.
-40
°C to 85°C
VCC Power Supply
(1)
2.7V to 3.6V
DC Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Units
ISB
Standby Current
CS, RESET, WP = VIH, all
inputs at CMOS levels
515
µA
I
CC1
(1)
Active Current, Read
Operation, Serial Interface
f = 20 MHz; IOUT = 0 mA;
V
CC = 3.6V
10
20
mA
ICC2
(2)
Active Current, Read
Operation, 8-bit Interface
f = 10 MHz; I
OUT = 0 mA;
VCC = 3.6V
12
20
mA
ICC3
Active Current, Program
Operation, Page Program
VCC = 3.6V
50
mA
I
CC4
Active Current, Program
Operation, Fast Page Program
V
CC = 3.6V
65
mA
ICC5
Active Current, Page Erase
Operation
VCC = 3.6V
50
mA
ICC6
Active Current, Block Erase
Operation
VCC = 3.6V
50
mA
ILI
Input Load Current
VIN = CMOS levels
1
µA
I
LO
Output Leakage Current
V
I/O = CMOS levels
1
µA
V
IL
Input Low Voltage
V
CC x 0.3
V
VIH
Input High Voltage
VCC x 0.7
V
VOL
Output Low Voltage
IOL = 1.6 mA; VCC = 2.7V
0.4
V
VOH
Output High Voltage
IOH = -100 µA
VCC - 0.2V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com