전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMS320VC5509 데이터시트(PDF) 33 Page - Texas Instruments

부품명 TMS320VC5509
상세설명  Fixed-Point Digital Signal Processor
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5509 데이터시트(HTML) 33 Page - Texas Instruments

Back Button TMS320VC5509 Datasheet HTML 29Page - Texas Instruments TMS320VC5509 Datasheet HTML 30Page - Texas Instruments TMS320VC5509 Datasheet HTML 31Page - Texas Instruments TMS320VC5509 Datasheet HTML 32Page - Texas Instruments TMS320VC5509 Datasheet HTML 33Page - Texas Instruments TMS320VC5509 Datasheet HTML 34Page - Texas Instruments TMS320VC5509 Datasheet HTML 35Page - Texas Instruments TMS320VC5509 Datasheet HTML 36Page - Texas Instruments TMS320VC5509 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 122 page
background image
Functional Overview
33
April 2001 − Revised September 2004
SPRS163G
3.1.5 Memory Map
The 5509 provides 16M bytes of total memory space composed of on-cip RAM, on-chip ROM, and external
memory space supporting a variety of memory types. The on-chip, dual-access RAM allows two accesses
to a given block during the same cycle. The 5509 supports 8 blocks of 8K bytes of dual-access RAM. The
on-chip, single-access RAM allows one access to a given block per clock cycle. The 5509 supports
24 blocks of 8K byte of single-access RAM.
The remainder of the memory map is external space that is divided into four spaces. Each space has a chip
enable decode signal (called CE) that indicates an access to the selected space. The External Memory
Interface (EMIF) supports access to asynchronous memories such as SRAM and Flash, and synchronous
DRAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More