전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMS320VC5509 데이터시트(PDF) 14 Page - Texas Instruments

부품명 TMS320VC5509
상세설명  Fixed-Point Digital Signal Processor
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5509 데이터시트(HTML) 14 Page - Texas Instruments

Back Button TMS320VC5509 Datasheet HTML 10Page - Texas Instruments TMS320VC5509 Datasheet HTML 11Page - Texas Instruments TMS320VC5509 Datasheet HTML 12Page - Texas Instruments TMS320VC5509 Datasheet HTML 13Page - Texas Instruments TMS320VC5509 Datasheet HTML 14Page - Texas Instruments TMS320VC5509 Datasheet HTML 15Page - Texas Instruments TMS320VC5509 Datasheet HTML 16Page - Texas Instruments TMS320VC5509 Datasheet HTML 17Page - Texas Instruments TMS320VC5509 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 122 page
background image
Introduction
14
April 2001 − Revised September 2004
SPRS163G
Table 2−1. Pin Assignments for the GHH Package
BALL #
SIGNAL
NAME
BALL #
SIGNAL
NAME
BALL #
SIGNAL
NAME
BALL #
SIGNAL
NAME
A2
VSS
D5
GPIO5
H2
DVDD
L13
D15
A3
GPIO4
D6
DR0
H3
A19
L14
CVDD
A4
DVDD
D7
S10
H4
C4
M1
C10
A5
FSR0
D8
S11
H5
C5
M2
C13
A6
CVDD
D9
DVDD
H10
DVDD
M3
VSS
A7
S12
D10
S25
H11
A’[0]
M4
CVDD
A8
DVDD
D11
VSS
H12
RESET
M5
VSS
A9
S20
D12
AIN2
H13
SDA
M6
A5
A10
S21
D13
AIN1
H14
SCL
M7
A1
A11
S23
D14
AIN0
J1
C6
M8
A15
A12
RTCINX1
E1
GPIO1
J2
DVDD
M9
D3
A13
RDVDD
E2
GPIO2
J3
C7
M10
D6
A14
RDVDD
E3
DVDD
J4
C8
M11
CVDD
B1
VSS
E4
VSS
J5
CVDD
M12
DVDD
B2
CVDD
E5
VSS
J10
RVDD
M13
VSS
B3
GPIO3
E6
DVDD
J11
CVDD
M14
D12
B4
TIN/TOUT0
E7
DX0
J12
TRST
N1
VSS
B5
CLKR0
E8
S15
J13
TCK
N2
VSS
B6
FSX0
E9
S13
J14
TMS
N3
A13
B7
CVDD
E10
NC
K1
A18
N4
A10
B8
CVDD
E11
AIN3
K2
C9
N5
A7
B9
VSS
E12
ADVSS
K3
C11
N6
DVDD
B10
S24
E13
VSS
K4
VSS
N7
RVDD
B11
VSS
E14
XF
K5
VSS
N8
CVDD
B12
RTCINX2
F1
X1
K6
A3
N9
VSS
B13
RDVDD
F2
X2/CLKIN
K7
A2
N10
VSS
B14
AVSS
F3
GPIO0
K8
D1
N11
D8
C1
PU
F4
VSS
K9
A14
N12
D11
C2
VSS
F5
CLKOUT
K10
DVDD
N13
DVDD
C3
NC
F10
ADVDD
K11
EMU0
N14
VSS
C4
GPIO6
F11
VSS
K12
EMU1/OFF
P1
VSS
C5
VSS
F12
INT4
K13
TDO
P2
VSS
C6
CLKX0
F13
DVDD
K14
TDI
P3
A12
C7
VSS
F14
INT3
L1
RVDD
P4
A9
C8
S14
G1
CVDD
L2
C14
P5
A17
C9
S22
G2
C1
L3
C12
P6
A4
C10
CVDD
G3
A20
L4
A11
P7
A16
C11
VSS
G4
C2
L5
A8
P8
DVDD
C12
RCVDD
G5
C0
L6
A6
P9
D2
C13
AVSS
G10
INT2
L7
A0
P10
D5
C14
AVDD
G11
CVDD
L8
D0
P11
D7
D1
GPIO7
G12
VSS
L9
D4
P12
D10
D2
USBVDD
G13
INT1
L10
D9
P13
DVDD
D3
DN
G14
INT0
L11
D13
P14
DVDD
D4
DP
H1
C3
L12
D14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More