전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SS2015 데이터시트(PDF) 2 Page - SEC Electronics Inc.

부품명 SS2015
상세설명  CMOS High Sensitivity Micropower Hall Latch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SECELECTRONICS [SEC Electronics Inc.]
홈페이지  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS2015 데이터시트(HTML) 2 Page - SEC Electronics Inc.

  SS2015 Datasheet HTML 1Page - SEC Electronics Inc. SS2015 Datasheet HTML 2Page - SEC Electronics Inc. SS2015 Datasheet HTML 3Page - SEC Electronics Inc. SS2015 Datasheet HTML 4Page - SEC Electronics Inc. SS2015 Datasheet HTML 5Page - SEC Electronics Inc. SS2015 Datasheet HTML 6Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SS2015
CMOS High Sensitivity Micropower Hall Latch
2
V3.10
Nov 1, 2013
Typical Application Circuit
SEC's pole-independent sensing technique allows for operation with either a north pole or south pole magnet
orientation, enhancing the manufacturability of the device. The state-of-the-art technology provides the same
output polarity for either pole face.
It is strongly recommended that an external bypass be connected (in close proximity to the Hall sensor) between
the supply and ground of the device to reduce both external noise and noise generated by the chop-
per-stabilization technique. This is especially true due to the relatively high impedance of battery supplies.
Functional Block Diagrams
Voltage
Hall Plate
Amp
VDD
GND
Output



Html Pages

1 2 3 4 5 6