전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DP84902MS 데이터시트(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 DP84902MS
상세설명  1,7 Encoder/Decoder Circuit
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP84902MS 데이터시트(HTML) 10 Page - National Semiconductor (TI)

Back Button DP84902MS Datasheet HTML 6Page - National Semiconductor (TI) DP84902MS Datasheet HTML 7Page - National Semiconductor (TI) DP84902MS Datasheet HTML 8Page - National Semiconductor (TI) DP84902MS Datasheet HTML 9Page - National Semiconductor (TI) DP84902MS Datasheet HTML 10Page - National Semiconductor (TI) DP84902MS Datasheet HTML 11Page - National Semiconductor (TI) DP84902MS Datasheet HTML 12Page - National Semiconductor (TI) DP84902MS Datasheet HTML 13Page - National Semiconductor (TI) DP84902MS Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AC Electrical CharacteristicsGeneral are guaranteed over operating conditions (see table) unless
otherwise specified
Symbol
Parameter
Min
Typ
Max
Units
Test
(Note 1)
tECLON
ECL Section Turn On Time wrt CRLS pins
25
m
s
(Note B)
(positive edge) (see
Figures 65 and 7 ) (Note 2)
tECLOFF
ECL Section Turn Off Time wrt CRLS pins
24
m
s
(Note B)
(positive edge) (see
Figures 65 and 10 ) (Note 3)
tWRTON
ECL Output Enabling Time wrt WG Positive Edge
15
50
ns
(Note A)
(see
Figure 65 )
tWRTOFF
ECL Output Disabling Time wrt WG
20
50
ns
(Note A)
negative edge (see
Figure 65 )
Note 1
Typical values are specified at 25 C and 5V supply
Note 2
The start and stop measurement voltage points are 13V
Note 3
The start measurement voltage point is 13V and the stop measurement voltage point is VOL a 03V
Note A
This parameter is guaranteed by outgoing testing
Note B
The limit values have been determined by characterization data No outgoing test are performed
TLF11963 – 7
Note 1
For tECLON the ECL output mode is selected in the control register (see Table I)
Note 2
For tECLOFF the power down mode is selected in the control register (see Table I)
FIGURE 65 ECL Code Write Timing Diagram
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16