전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SP2525A 데이터시트(PDF) 6 Page - Exar Corporation

부품명 SP2525A
상세설명  Single Channel USB Power Distribution Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EXAR [Exar Corporation]
홈페이지  http://www.exar.com
Logo EXAR - Exar Corporation

SP2525A 데이터시트(HTML) 6 Page - Exar Corporation

Back Button SP2525A Datasheet HTML 2Page - Exar Corporation SP2525A Datasheet HTML 3Page - Exar Corporation SP2525A Datasheet HTML 4Page - Exar Corporation SP2525A Datasheet HTML 5Page - Exar Corporation SP2525A Datasheet HTML 6Page - Exar Corporation SP2525A Datasheet HTML 7Page - Exar Corporation SP2525A Datasheet HTML 8Page - Exar Corporation SP2525A Datasheet HTML 9Page - Exar Corporation SP2525A Datasheet HTML 10Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
S
SP
P2
25
52
25
5A
A
S
Siin
ng
glle
e C
Ch
ha
an
nn
ne
ell U
US
SB
B P
Po
ow
we
err D
Diis
sttrriib
bu
uttiio
on
n S
Sw
wiittcch
h
© 2011 Exar Corporation
6/10
Rev. 2.1.0
Fig. 10: CTL Threshold vs Supply Voltage
Fig. 11: Current Limit Threshold vs Temperature
Fig. 12: Output Rise Time vs Temperature
Fig. 13: Output Fall Time vs Temperature
Fig. 14: Input Voltage Response
Fig. 15: Turn-On, Turn-Off Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com