전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SP2525A 데이터시트(PDF) 1 Page - Exar Corporation

부품명 SP2525A
상세설명  Single Channel USB Power Distribution Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EXAR [Exar Corporation]
홈페이지  http://www.exar.com
Logo EXAR - Exar Corporation

SP2525A 데이터시트(HTML) 1 Page - Exar Corporation

  SP2525A Datasheet HTML 1Page - Exar Corporation SP2525A Datasheet HTML 2Page - Exar Corporation SP2525A Datasheet HTML 3Page - Exar Corporation SP2525A Datasheet HTML 4Page - Exar Corporation SP2525A Datasheet HTML 5Page - Exar Corporation SP2525A Datasheet HTML 6Page - Exar Corporation SP2525A Datasheet HTML 7Page - Exar Corporation SP2525A Datasheet HTML 8Page - Exar Corporation SP2525A Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
S
SP
P2
25
52
25
5A
A
S
Siin
ng
glle
e C
Ch
ha
an
nn
ne
ell U
US
SB
B P
Po
ow
we
err D
Diis
sttrriib
bu
uttiio
on
n S
Sw
wiittcch
h
November 2011
Rev. 2.1.0
Exar Corporation
www.exar.com
48720 Kato Road, Fremont CA 94538, USA
Tel. +1 510 668-7000 – Fax. +1 510 668-7001
GENERAL DESCRIPTION
The SP2525A device is an integrated high-side
power switch ideal for self-powered and bus-
powered
Universal
Serial
Bus
(USB)
applications.
The high-side switches are MOSFETs with
70mΩ RDS(ON), which meets USB voltage drop
requirements for maximum transmission wire
length. Multi-purpose open-drain fault flag
output indicates over-current limiting, thermal
shutdown, or under voltage lockout. Output
current is typically limited to 0.85A below the
5A safety requirement, and the thermal
shutdown function shuts the switch off to
prevent damage under overcurrent conditions.
Guaranteed minimum output rise time limits
inrush current during hot plug-in, minimizing
EMI and preventing the voltage at the
upstream port from dropping excessively.
The SP2525A is offered in a RoHS compliant
“green”/halogen free 8-pin NSOIC package.
APPLICATIONS
 Self Powered USB 2.0 and 3.0 Hubs
 USB Compliant VBUS Power Distribution
 Audio-Video Equipments
 Generic Power Switching
FEATURES
 +3.0V to +5.5V Input Voltage Range
 500mA Continuous Load Current
per Channel
 2.6V Undervoltage Lockout
 1.25A Short Circuit Current Limit
 100mΩ Maximum On-Resistance
 75μA On-State Supply Current
 1μA Shutdown Current
 Output can be Forced Higher than
Input (Off-State)
 Thermal Shutdown
 Slow Turn On and Fast Turn Off
 Active-high Version: SP2525A-1
 Active-low Version: SP2525A-2
 RoHS Compliant, Green/Halogen Free
8-Pin NSOIC Package
TYPICAL APPLICATION DIAGRAM
Fig. 1: SP2525A Application Diagram – Single Port Self Powered Hub


유사한 부품 번호 - SP2525A

제조업체부품명데이터시트상세설명
logo
Sipex Corporation
SP2525A SIPEX-SP2525A Datasheet
234Kb / 9P
USB High-Side Power Switch
SP2525A-1EN SIPEX-SP2525A-1EN Datasheet
234Kb / 9P
USB High-Side Power Switch
SP2525A-1EN/TR SIPEX-SP2525A-1EN/TR Datasheet
234Kb / 9P
USB High-Side Power Switch
SP2525A-2EN SIPEX-SP2525A-2EN Datasheet
234Kb / 9P
USB High-Side Power Switch
SP2525A-2EN/TR SIPEX-SP2525A-2EN/TR Datasheet
234Kb / 9P
USB High-Side Power Switch
More results

유사한 설명 - SP2525A

제조업체부품명데이터시트상세설명
logo
Semtech Corporation
SC5826 SEMTECH-SC5826 Datasheet
151Kb / 8P
HotSwitch??USB Power Distribution Switch
logo
Micrel Semiconductor
MIC2025 MICREL-MIC2025_10 Datasheet
1,011Kb / 14P
Single-Channel Power Distribution Switch MM8짰
MIC2027 MICREL-MIC2027_06 Datasheet
1Mb / 17P
Quad USB Power Distribution Switch
logo
Exar Corporation
XRP2525 EXAR-XRP2525 Datasheet
3Mb / 11P
Single/Dual Channel USB 3.0 Power Distribution Switch
logo
HTC Korea TAEJIN Techno...
TJ2110 HTC-TJ2110 Datasheet
981Kb / 14P
Single-Channel Power Distribution Switch
logo
Diodes Incorporated
AP22802 DIODES-AP22802 Datasheet
552Kb / 14P
SINGLE CHANNEL POWER DISTRIBUTION LOAD SWITCH
Rev erse
logo
Exar Corporation
SP2526A EXAR-SP2526A Datasheet
405Kb / 9P
Dual Channel USB Power Distribution Switch
logo
Fitipower Integrated Te...
FP6861C FITIPOWER-FP6861C Datasheet
606Kb / 16P
Single-Channel Power Distribution Switch
logo
First Silicon Co., Ltd
FC9521 FS-FC9521 Datasheet
691Kb / 8P
USB Power-Distribution Switch
FC9516A FS-FC9516A Datasheet
796Kb / 12P
USB Power-Distribution Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com