전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM49321 데이터시트(PDF) 21 Page - Texas Instruments

부품명 LM49321
상세설명  Audio Sub-System with Stereo DAC, Mono Class AB Loudspeaker Amplifier, OCL/SE Stereo Headphone Output and RF Suppression
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM49321 데이터시트(HTML) 21 Page - Texas Instruments

Back Button LM49321 Datasheet HTML 17Page - Texas Instruments LM49321 Datasheet HTML 18Page - Texas Instruments LM49321 Datasheet HTML 19Page - Texas Instruments LM49321 Datasheet HTML 20Page - Texas Instruments LM49321 Datasheet HTML 21Page - Texas Instruments LM49321 Datasheet HTML 22Page - Texas Instruments LM49321 Datasheet HTML 23Page - Texas Instruments LM49321 Datasheet HTML 24Page - Texas Instruments LM49321 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
LM49321, LM49321RLEVAL
www.ti.com
SNAS457C – SEPTEMBER 2008 – REVISED MAY 2013
PLL N DIVIDER CONFIGURATION REGISTER
This register is used to control PLL N divider.
Table 14. PLL_N (0Bh)(1)
Bits
Register
Description
7:0
PLL_N
Programs the PLL feedback divider:
PLL_N
Divide Ratio
00000000
Divider Off
00000001
→00001010
10
00001011
11
00001100
12
...
...
11111000
248
11111001
249
(1)
The N divider should be set such that the output of the divider is between 0.5 and 5MHz. See the PLL setup section for details. The N
divider should never be set so that (Fin/M) * N > 55MHz (or 80MHz if FAST_VCO is set in the PLL_N_MOD register).
The non-sigma-delta division of the N divider is derived from the PLL_N as such:
N = PLL_N
Fin /M is often referred to as Fcomp (Frequency of Comparison) or Fref (Reference Frequency). In this document, Fcomp is used
PLL P DIVIDER CONFIGURATION REGISTER
This register is used to control the PLL's P divider.
Table 15. PLL_P(1)
Bits
Register
Description
3:0
PLL_P
Programs the PLL input divider to select:
0000
Divider Off
0001
1
0010
1.5
0011
2
...
–> 2.5
1101
7
1110
7.5
1111
8
(1)
The output of this divider should be either 12 or 24MHz in USB mode or 11.2896MHz, 12.288MHz or 24.576MHz in non-USB modes.
The division of the P divider is derived from PLL_P as such:
P = (PLL_P+1) / 2
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM49321 LM49321RLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com