전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM49321 데이터시트(PDF) 13 Page - Texas Instruments

부품명 LM49321
상세설명  Audio Sub-System with Stereo DAC, Mono Class AB Loudspeaker Amplifier, OCL/SE Stereo Headphone Output and RF Suppression
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM49321 데이터시트(HTML) 13 Page - Texas Instruments

Back Button LM49321 Datasheet HTML 9Page - Texas Instruments LM49321 Datasheet HTML 10Page - Texas Instruments LM49321 Datasheet HTML 11Page - Texas Instruments LM49321 Datasheet HTML 12Page - Texas Instruments LM49321 Datasheet HTML 13Page - Texas Instruments LM49321 Datasheet HTML 14Page - Texas Instruments LM49321 Datasheet HTML 15Page - Texas Instruments LM49321 Datasheet HTML 16Page - Texas Instruments LM49321 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
LM49321, LM49321RLEVAL
www.ti.com
SNAS457C – SEPTEMBER 2008 – REVISED MAY 2013
Table 6. Control Registers
Address
Register
D7
D6
D5
D4
D3
D2
D1
D0
00h
MODE_CONTROL
0
CD_6
0
OCL
MODE_CONTROL
OUTPUT_
STEREO_
MONO_ONLY
DAC_INPUT_
STEREO_INPUT_
HP_R_
HP_L_
LS_
MONO_
01h
CONTROL
OUT_ONL
ONLY
ONLY
OUTPUT
OUTPUT
OUTPUT
OUTPUT
Y
02h
EP_VOL
0
0
0
EP_VOL
03h
LS_VOL
0
0
0
LS_VOL
04h
RESERVED
0
0
0
0
0
0
0
0
05h
HP_L_VOL
0
0
0
HP_L_VOL
06h
HP_R_VOL
0
0
0
HP_R_VOL
07h
ANALOG_INPUT
0
0
ANA_R_GAIN
ANA_L_GAIN
_GAIN
08h
ANALOG_DAC
0
DAC_R_GAIN
DAC_L_GAIN
MONO_L_GAIN
_GAIN
PLL_
AUDIO
FAST_
09h
CLOCKS
R_DIV
PLL_INPUT
ENABLE
_CLK_SEL
CLOCK
0Ah
PLL_M
0
PLL_M
0Bh
PLL_N
0Ch
PLL_N_MOD
VCO_FAS
DITHER_LEVEL
DITHER_LEVEL
PLL_N_MOD
T
0Dh
PLL_P
0
0
0
0
PLL_P
0Eh
DAC_SET UP
0
CUST_COMP
DITHER_ALW_ON DITHER_OFF
MUTE_R
MUTE_L
DAC_MODE
I2S_
I2S_MASTER_
0Fh
INTERFACE
0
0
0
0
I2C_FAST
I2S_MODE
RESOLUTION
SLAVE
10h
COMPENSATION _C OEFF0_LSB
11h
COMPENSATION _C OEFF0_MSB
12h
COMPENSATION _C OEFF1_LSB
13h
COMPENSATION _C OEFF1_MSB
14h
COMPENSATION _C OEFF2_LSB
15h
COMPENSATION _C OEFF2_MSB
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM49321 LM49321RLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com