전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCM1737E/2K 데이터시트(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
부품명 PCM1737E/2K
상세설명  DIGITAL-TO-ANALOG CONVERTER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1737E/2K 데이터시트(HTML) 5 Page - Texas Instruments

  PCM1737E/2K Datasheet HTML 1Page - Texas Instruments PCM1737E/2K Datasheet HTML 2Page - Texas Instruments PCM1737E/2K Datasheet HTML 3Page - Texas Instruments PCM1737E/2K Datasheet HTML 4Page - Texas Instruments PCM1737E/2K Datasheet HTML 5Page - Texas Instruments PCM1737E/2K Datasheet HTML 6Page - Texas Instruments PCM1737E/2K Datasheet HTML 7Page - Texas Instruments PCM1737E/2K Datasheet HTML 8Page - Texas Instruments PCM1737E/2K Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
®
5
PCM1737
TYPICAL PERFORMANCE CURVES
All specifications at TA = +25°C, VDD = VCC = 5V, SYSCLK = 384fS (fS = 44.1kHz), and 24-bit input data, unless otherwise noted.
DIGITAL FILTER
Digital Filter (De-Emphasis Off, f
S = 44.1kHz)
0
0.5
1
1.5
2
2.5
3
3.5
4
0
–20
–40
–60
–80
–100
–120
–140
–160
FREQUENCY RESPONSE
(Sharp Roll-Off)
Frequency (x f
S)
PASSBAND RIPPLE
(Sharp Roll-Off)
Frequency (x f
S)
0.003
0.002
0.001
0
–0.001
–0.002
–0.003
0
0.1
0.2
0.3
0.4
0.5
TRANSITION CHARACTERISTICS
(Slow Roll-Off 1)
Frequency (x f
S)
0
–2
–4
–6
–8
–10
–12
–14
–16
–18
–20
0
0.1
0.2
0.3
0.4
0.5
0.6
FREQUENCY RESPONSE
(Slow Roll-Off 1)
Frequency (x f
S)
0
–20
–40
–60
–80
–100
–120
–140
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
FREQUENCY RESPONSE
(Slow Roll-Off 2)
Frequency (x f
S)
0
–20
–40
–60
–80
–100
–120
–140
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
TRANSITION CHARACTERISTICS
(Slow Roll-Off 2)
Frequency (x f
S)
0
–1
–2
–3
–4
–5
–6
–7
–8
–9
–10
0
0.1
0.2
0.3
0.4
0.5
0.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com