전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCM1737E/2K 데이터시트(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
부품명 PCM1737E/2K
상세설명  DIGITAL-TO-ANALOG CONVERTER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1737E/2K 데이터시트(HTML) 7 Page - Texas Instruments

Back Button PCM1737E/2K Datasheet HTML 3Page - Texas Instruments PCM1737E/2K Datasheet HTML 4Page - Texas Instruments PCM1737E/2K Datasheet HTML 5Page - Texas Instruments PCM1737E/2K Datasheet HTML 6Page - Texas Instruments PCM1737E/2K Datasheet HTML 7Page - Texas Instruments PCM1737E/2K Datasheet HTML 8Page - Texas Instruments PCM1737E/2K Datasheet HTML 9Page - Texas Instruments PCM1737E/2K Datasheet HTML 10Page - Texas Instruments PCM1737E/2K Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
®
7
PCM1737
TYPICAL PERFORMANCE CURVES (Cont.)
All specifications at TA = +25°C, VDD = VCC = 5V, SYSCLK = 384fS (fS = 44.1kHz), and 24-bit input data, unless otherwise noted.
ANALOG DYNAMIC PERFORMANCE (con.t)
Supply Voltage Characteristics
SIGNAL-TO-NOISE RATIO vs V
CC
(V
DD = 3.3V)
V
CC (V)
110
108
106
104
102
100
98
96
4.0
4.5
5.0
5.5
6.0
192kHz, 128f
S
44.1kHz, 384f
S
CHANNEL SEPARATION vs V
CC
V
CC (V)
110
108
106
104
102
100
98
96
4.0
4.5
5.0
5.5
6.0
192kHz, 128f
S
44.1kHz, 384f
S
Temperature Characteristics
TOTAL HARMONIC DISTORTION + NOISE
vs TEMPERATURE
V
CC (V)
10
1
0.1
0.01
0.001
0.0001
4.0
4.5
5.0
5.5
6.0
44.1kHz, 384f
S
44.1kHz, 384f
S
192kHz, 128f
S
–60dB
0dB
192kHz, 128f
S
DYNAMIC RANGE vs TEMPERATURE
(V
DD = 3.3V)
Temperature (
°C)
110
108
106
104
102
100
98
96
–25
0
25
50
75
100
192kHz, 128f
S
44.1kHz, 384f
S
CHANNEL SEPARATION vs TEMPERATURE
(V
DD = 3.3V)
Temperature (
°C)
110
108
106
104
102
100
98
96
–25
0
25
50
75
100
192kHz, 128f
S
44.1kHz, 384f
S
SIGNAL-TO-NOISE RATIO vs TEMPERATURE
(V
DD = 3.3V)
Temperature (
°C)
110
108
106
104
102
100
98
96
–25
0
25
50
100
75
192kHz, 128f
S
44.1kHz, 384f
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com