| 전자부품 데이터시트 검색엔진 |
|
TAS3108DCPR 데이터시트(PDF) 36 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TAS3108DCPR 데이터시트(HTML) 36 Page - Texas Instruments |
|
36 / 63 page ![]() www.ti.com TAS3108, TAS3108IA AUDIO DIGITAL SIGNAL PROCESSORS SLES152B – OCTOBER 2005 – REVISED NOVEMBER 2007 Table 6-5. TAS3108/TAS3108IA Memory Block Structures (continued) STARTING DATA BLOCK FORMAT SIZE NOTES BYTE Data Block for Audio DSP Core Program Memory (Following 12-Byte Header) 12 Program byte 1 (LS byte) 7 bytes Program word 1 (valid data in D53–D0) D7–D0 Program byte 2 D15–D8 Program byte 3 D23–D16 Program byte 4 D31–D24 Program byte 5 D39–D32 Program byte 6 D47–D40 Program byte 7 (MS byte) D55–D48 19 Program byte 8 7 bytes Program word 2 Program byte 9 Program byte 10 Program byte 11 Program byte 12 Program byte 14 Program byte 15 • • • N + 5 Program byte 7*(Z – 1) + 1 7 bytes Program word Z Program byte 7*(Z – 1) + 2 Program byte 7*(Z – 1) + 3 Program byte 7*(Z – 1) + 4 Program byte 7*(Z – 1) + 5 Program byte 7*(Z – 1) + 6 Program byte 7*(Z – 1) + 7 = N N + 12 0x00 7 bytes Repeated checksum bytes 2 through N + 11 0x00 0x00 0x00 0x00 Checksum code MS byte Checksum code LS byte 20-Byte Termination Block (Last Block of Entire Load Block) BLAST – 19 0x00 2 bytes First two bytes of termination block are always 0x0000. 0x00 BLAST – 17 0x00 2 bytes Second two bytes are always 0x001F. 0x1F BLAST – 15 0x00 1 byte Last 16 bytes must each be 0x00. BLAST – 14 0x00 1 byte • BLAST 0x00 1 byte Microprocessor Controller 36 Submit Documentation Feedback Not Recommended for New Designs |