전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LP3936SL/NOPB 데이터시트(PDF) 18 Page - Texas Instruments

부품명 LP3936SL/NOPB
상세설명  Lighting Management System for Six White LEDs and One RGB
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LP3936SL/NOPB 데이터시트(HTML) 18 Page - Texas Instruments

Back Button LP3936SL/NOPB Datasheet HTML 14Page - Texas Instruments LP3936SL/NOPB Datasheet HTML 15Page - Texas Instruments LP3936SL/NOPB Datasheet HTML 16Page - Texas Instruments LP3936SL/NOPB Datasheet HTML 17Page - Texas Instruments LP3936SL/NOPB Datasheet HTML 18Page - Texas Instruments LP3936SL/NOPB Datasheet HTML 19Page - Texas Instruments LP3936SL/NOPB Datasheet HTML 20Page - Texas Instruments LP3936SL/NOPB Datasheet HTML 21Page - Texas Instruments LP3936SL/NOPB Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
150 Ps / 6.7 kHz
Combined PWM cycle
1
1
3
2
2
3
ROUT
1111
GOUT
0110
BOUT
1100
Blinking period
ON[6:0]
OFF[6:0]
LED
brightness
SLOPE[3:0]
SLOPE[3:0]
DUTY[3:0]
PWM
current
pulses
Duty increases
Duty decreases
Duty constant
LP3936
SNVS259D – NOVEMBER 2003 – REVISED MAY 2013
www.ti.com
APPLICATION INFORMATION
RGB LED Driver
The RGB driver has three outputs that can independently drive one RGB LED or three LEDs of any kind. User
has control over the following parameters separately for each LED:
• ON and OFF (start and stop time in blinking cycle)
• DUTY (PWM brightness control)
• SLOPE (dimming slope)
• ENABLE (direct enable control)
The main blinking cycle is controlled with 2-bit CYCLE control (0.25 / 0.5 / 1.0 / 2.0s).
Figure 23. RGB PWM Operating Principle
RGB_START is the master enable control for the whole RGB function. The internal PWM and blinking control
can be disabled by setting the RGB_PWM control LOW. In this case the individual enable controls can be used
to switch outputs on and off. RGB_EN input can be used for external hardware PWM control. RGB_EN input can
be used as direct on/off or brightness (PWM) control. If RGB_EN input is not used, it must be tied to VDD_IO.
Recommended maximum frequency of RGB LED external PWM control is 1 MHz.
In the normal PWM mode the R, G and B switches are controlled in 3 phases (one phase per driver). During
each phase the peak current set by external resistor is driven through the LED for the time defined by DUTY
setting (0 µs–50 µs). As a time averaged current this means 0%–33% of the peak current. The PWM period is
150 µs and the pulse frequency is 6.67 kHz in normal mode.
Figure 24. Normal Mode PWM Waveforms at different duty settings
In the FLASH mode all the outputs are controlled in one phase and the PWM period is 50 µs. The time averaged
FLASH mode current is three times the normal mode current at the same DUTY value.
Blinking can be controlled separately for each output. On and OFF times determine, when a LED turns on and off
within the blinking cycle. When both ON and OFF are 0, the LED is on and doesn't blink. If ON equals OFF but is
not 0, the LED is permanently off.
18
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LP3936



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com