전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LL4448 데이터시트(PDF) 2 Page - Diode Semiconductor Korea

부품명 LL4448
상세설명  SMALL SIGNAL SWITCHING DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DSK [Diode Semiconductor Korea]
홈페이지  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

LL4448 데이터시트(HTML) 2 Page - Diode Semiconductor Korea

  LL4448 Datasheet HTML 1Page - Diode Semiconductor Korea LL4448 Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
mA
IF
F
2
3
T =100 C
J
O
T =25 C
J
O
1
10
10
10
10
10
-2
-1
V
0
1
2V
200
100
0
0
300
400
500
600
700
800
900
1000
mW
Ptot
TA
25
100
175
200℃
0.3
0.1
0.2
tp
n=0
I
0.1
10
10
10
1
10
100
10
1
10S
FRM
V=tp/T
T=1/tp
tp
T
I
FRM
I
-5
-3
-2
-1
FIG.3-ADMISSIBLE REPETITIVE PEAK FORWORD CURRENT VERSUS PULSE DURATION
LL4448
FIG.1 -- ADMISSIBLE POWER DISSIPATION VERSUS
AMBIENT TEMPERATURE
FIG.2-- FORWARD CHARACTERISTICS
www.diode.kr
Diode Semiconductor Korea



Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com