전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LL4448 데이터시트(PDF) 1 Page - Diode Semiconductor Korea

부품명 LL4448
상세설명  SMALL SIGNAL SWITCHING DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DSK [Diode Semiconductor Korea]
홈페이지  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

LL4448 데이터시트(HTML) 1 Page - Diode Semiconductor Korea

  LL4448 Datasheet HTML 1Page - Diode Semiconductor Korea LL4448 Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3.4
+0.3
-0.1
0.4±0.1
Cathode indification
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified
MAXIMUM RATINGS
UNITS
Reverse voltage
V
R
V
Peak reverse voltage
V
RM
V
Average forw ard rectified current
Half w ave rectification w ith resistive load
at VR=0V
Forw ard surge current at tp=1
µ s
IFSM
A
Pow er dissipaton at t
amb=25
oCP
tot
mW
Junction temperature
T
J
oC
Storage temperature range
T
STG
oC
UNITS
Forw ard voltage @ I
F=5.0mA
VF
V
Leakage current
at V
R=20V
I
R
n A
at V
R=75V
I
R
A
111111111at V
R=20V
T
J=150
oC
I
R
A
Capacitance at V
R=0V,f=1MHz,VHF=50mV
C
tot
pF
Voltage rise w hen sw itching on
tested w ith 50mA pulses
tp=0.1
S,rise time
30ns, fp=5 to 100KHz
Reverse recovery time
from I
F=10mA
V
R=6V,RL=100
,at I
R=1mA
Thermal resistance junction to ambient
R
JA
K/W
Rectification effciency at 100MHz,V
RF=2V
V
-
ns
1)Valid prov ided that electrodes are kept at ambient temperature
500
1)
0.45
-
-
-
-2.5
-
-
4.0
-
25.0
5.0
-
-
4.0
-
-
50.0
-
150
-
-
mA
ELECTRICAL CHARACTERISTICS
1) Valid prov ided that electrodes are kept at ambient temperature.
MIN
TYP
MAX
I
Polarity:Color band denotes cathode
V
fr
t
rr
0.62
-
175
2.0
500
1)
LL4448
LL4448
1111REVERSE VOLTAGE: 75 V
CURRENT: 0.15 A
Case:MINI-MELF glass case
SMALL SIGNAL SWITCHING DIODE
Silicon epitaxial diode
MINI-MELF
500mW power dissipation
High speed switching diode
V
Weight: Approx 0.031 grams
35-55--- +175
0.72
75
100
O
@IF=100mA
-
0.93
1.0
Dimensions in millimeters
Diode Semiconductor Korea
www.diode.kr


유사한 부품 번호 - LL4448

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
LL4448 VISHAY-LL4448 Datasheet
292Kb / 5P
Small Signal Fast Switching Diodes
24-Mar-06
logo
Zowie Technology Corpor...
LL4448 ZOWIE-LL4448 Datasheet
43Kb / 2P
SILICON EPITAXIAL PLANAR DIODES
logo
Semtech Corporation
LL4448 SEMTECH-LL4448 Datasheet
261Kb / 4P
Silicon Expitaxial Planar Diode?
logo
Shanghai Lunsure Electr...
LL4448 CHENYI-LL4448 Datasheet
170Kb / 3P
SMALL SIGNAL SWITCHING DIODE
logo
Diodes Incorporated
LL4448 DIODES-LL4448 Datasheet
57Kb / 2P
FAST SWITCHING SURFACE MOUNT DIODE
DS12013 Rev. F-2
More results

유사한 설명 - LL4448

제조업체부품명데이터시트상세설명
logo
Shanghai Lunsure Electr...
1N4148 CHENYI-1N4148 Datasheet
188Kb / 3P
SMALL SIGNAL SWITCHING DIODE
logo
Micro Commercial Compon...
MMBD6050 MCC-MMBD6050 Datasheet
170Kb / 3P
Small-Signal Switching Diode
logo
Leshan Radio Company
LSD2004LT1 LRC-LSD2004LT1 Datasheet
39Kb / 2P
Small-Signal Switching Diode
logo
Comchip Technology
CDSV6-99SD-G COMCHIP-CDSV6-99SD-G Datasheet
508Kb / 2P
Small-Signal Switching Diode
logo
Galaxy Semi-Conductor H...
BAV17 BILIN-BAV17 Datasheet
101Kb / 2P
SMALL SIGNAL SWITCHING DIODE
1SS141 BILIN-1SS141 Datasheet
54Kb / 1P
SMALL SIGNAL SWITCHING DIODE
LL4151 BILIN-LL4151 Datasheet
121Kb / 3P
SMALL SIGNAL SWITCHING DIODE
logo
Vishay Siliconix
1N4150W-V VISHAY-1N4150W-V Datasheet
122Kb / 4P
Small Signal Switching Diode
21-Jul-05
BA604 VISHAY-BA604_08 Datasheet
224Kb / 4P
Small Signal Switching Diode
26-Jul-06
logo
Kwang Myoung I.S. CO.,L...
1SS244 KISEMICONDUCTOR-1SS244 Datasheet
98Kb / 2P
SMALL SIGNAL SWITCHING DIODE
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com