| 전자부품 데이터시트 검색엔진 |
|
TLV2211CDBVTG4 데이터시트(PDF) 24 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLV2211CDBVTG4 데이터시트(HTML) 24 Page - Texas Instruments |
|
24 / 31 page ![]() TLV2211, TLV2211Y Advanced LinCMOS RAILTORAIL MICROPOWER SINGLE OPERATIONAL AMPLIFIERS SLOS156E − MAY 1996 − REVISED SEPTEMBER 2006 24 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TYPICAL CHARACTERISTICS Figure 49 GAIN-BANDWIDTH PRODUCT†‡ vs FREE-AIR TEMPERATURE TA − Free-Air Temperature − °C 70 55 50 75 80 − 50 − 25 0 25 50 100 75 65 VDD = 5 V f = 10 kHz RL = 10 kΩ CL = 100 pF 125 −75 60 Figure 50 GAIN-BANDWIDTH PRODUCT vs SUPPLY VOLTAGE VDD − Supply Voltage − V 65 55 50 75 80 12 3 4 5 7 6 60 RL = 10 kΩ CL = 100 pF TA 25°C 8 0 70 Figure 51 PHASE MARGIN vs LOAD CAPACITANCE CL − Load Capacitance − pF 75 ° 60 ° 45 ° 30 ° 15 ° 0 101 102 103 104 105 10 k Ω 10 k Ω VDD − VDD + Rnull CL VI + − Rnull = 0 Rnull = 1000 Ω Rnull = 500 Ω TA = 25°C Figure 52 GAIN MARGIN vs LOAD CAPACITANCE CL − Load Capacitance − pF 25 20 15 10 5 0 101 102 103 104 105 Rnull = 0 Rnull = 1000 Ω Rnull = 500 Ω TA = 25°C † Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices. ‡ For all curves where VDD = 5 V, all loads are referenced to 2.5 V. For all curves where VDD = 3 V, all loads are referenced to 1.5 V. |