| 전자부품 데이터시트 검색엔진 |
|
TLV2211CDBVTG4 데이터시트(PDF) 14 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLV2211CDBVTG4 데이터시트(HTML) 14 Page - Texas Instruments |
|
14 / 31 page ![]() TLV2211, TLV2211Y Advanced LinCMOS RAILTORAIL MICROPOWER SINGLE OPERATIONAL AMPLIFIERS SLOS156E − MAY 1996 − REVISED SEPTEMBER 2006 14 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TYPICAL CHARACTERISTICS Figure 11 INPUT VOLTAGE†‡ vs FREE-AIR TEMPERATURE TA − Free-Air Temperature − °C 2 1 0 3 4 5 −1 − 55 − 35 − 15 5 25 45 65 85 | VIO | ≤ 5 mV VDD = 5 V 105 125 Figure 12 HIGH-LEVEL OUTPUT VOLTAGE†‡ vs HIGH-LEVEL OUTPUT CURRENT | IOH | − High-Level Output Current − µ A 2 1.5 1 0 0 200 400 2.5 3 600 800 VDD = 3 V TA = − 40°C 0.5 TA = 25°C TA = 85°C TA = 125°C Figure 13 LOW-LEVEL OUTPUT VOLTAGE‡ vs LOW-LEVEL OUTPUT CURRENT IOL − Low-Level Output Current − mA 0.6 0.4 0.2 0 01 2 3 0.8 1 1.2 45 VDD = 3 V TA = 25°C VIC = 0 VIC = 0.75 V VIC = 1.5 V Figure 14 LOW-LEVEL OUTPUT VOLTAGE†‡ vs LOW-LEVEL OUTPUT CURRENT IOL − Low-Level Output Current − mA 0.4 0.2 1.2 0 01 2 3 0.8 0.6 1 1.4 45 TA = 85°C TA = − 40°C TA = 25°C TA = 125°C VDD = 3 V VIC = 1.5 V † Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices. ‡ For all curves where VDD = 5 V, all loads are referenced to 2.5 V. For all curves where VDD = 3 V, all loads are referenced to 1.5 V. |