전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VT2N2 데이터시트(PDF) 20 Page - PerkinElmer Optoelectronics

부품명 VT2N2
상세설명  Photoconductive Cells and Analog Optoisolators (Vactrols)
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PERKINELMER [PerkinElmer Optoelectronics]
홈페이지  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

VT2N2 데이터시트(HTML) 20 Page - PerkinElmer Optoelectronics

Back Button VT2N2 Datasheet HTML 16Page - PerkinElmer Optoelectronics VT2N2 Datasheet HTML 17Page - PerkinElmer Optoelectronics VT2N2 Datasheet HTML 18Page - PerkinElmer Optoelectronics VT2N2 Datasheet HTML 19Page - PerkinElmer Optoelectronics VT2N2 Datasheet HTML 20Page - PerkinElmer Optoelectronics VT2N2 Datasheet HTML 21Page - PerkinElmer Optoelectronics VT2N2 Datasheet HTML 22Page - PerkinElmer Optoelectronics VT2N2 Datasheet HTML 23Page - PerkinElmer Optoelectronics VT2N2 Datasheet HTML 24Page - PerkinElmer Optoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 76 page
background image
15
Photoconductive Cell
VT800 Series
PACKAGE DIMENSIONS inch (mm)
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Rating
Units
Continuous Power Dissipation
Derate Above 25°C
PD
∆P
D / ∆T
175
3.5
mW
mW/°C
Temperature Range
Operating and Storage
TA
–40 to +75
°C
2
5
ELECTRO-OPTICAL CHARACTERICTICS @ 25°C (16 hrs. light adapt, min.)
See page 13 for notes.
Part
Number
Resistance (Ohms)
Material
Type
Sensitivity
(
γ, typ.)
Maximum
Voltage
(V, pk)
Response Time @ 1 fc
(ms, typ.)
10 lux
2850 K
2 fc
2850 K
Dark
Min.
Typ.
Max.
Typ.
Min.
sec.
Rise (1-1/e)
Fall (1/e)
VT8ØN1
4 k
8 k
12 k
4 k
100 k
5
Ø
0.80
100
78
8
VT8ØN2
8 k
16 k
24 k
8 k
500 k
5
Ø
0.80
200
78
8
VT83N1
6 k
12 k
18 k
6 k
100 k
5
3
0.95
100
35
5
VT83N2
12 k
28 k
36 k
14 k
500 k
5
3
0.95
200
35
5
VT83N3
24 k
48 k
72 k
24 k
1 M
5
3
0.95
200
35
5
VT83N4
50 k
100 k
150 k
50 k
2 M
5
3
0.95
200
35
5
4
3 6
OG (R10/R100)
LOG (100/10)
------------------------------------
PerkinElmer Optoelectronics, 10900 Page Ave., St. Louis, MO 63132 USA
Phone: 314-423-4900 Fax: 314-423-3956 Web: www.perkinelmer.com/opto



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com