전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VT2N2 데이터시트(PDF) 48 Page - PerkinElmer Optoelectronics

부품명 VT2N2
상세설명  Photoconductive Cells and Analog Optoisolators (Vactrols)
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PERKINELMER [PerkinElmer Optoelectronics]
홈페이지  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

VT2N2 데이터시트(HTML) 48 Page - PerkinElmer Optoelectronics

Back Button VT2N2 Datasheet HTML 44Page - PerkinElmer Optoelectronics VT2N2 Datasheet HTML 45Page - PerkinElmer Optoelectronics VT2N2 Datasheet HTML 46Page - PerkinElmer Optoelectronics VT2N2 Datasheet HTML 47Page - PerkinElmer Optoelectronics VT2N2 Datasheet HTML 48Page - PerkinElmer Optoelectronics VT2N2 Datasheet HTML 49Page - PerkinElmer Optoelectronics VT2N2 Datasheet HTML 50Page - PerkinElmer Optoelectronics VT2N2 Datasheet HTML 51Page - PerkinElmer Optoelectronics VT2N2 Datasheet HTML 52Page - PerkinElmer Optoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 76 page
background image
43
Low Cost Axial Vactrols
VTL5C1, 5C2
PACKAGE DIMENSIONS inch (mm)
PLASTIC POTTING CONTOUR
NOT CONTROLLED
DESCRIPTION
VTL5C1 offers 100db dynamic range, fast response time, and very high dark resistance.
VTL5C2 features a very steep slope, low temperature coefficient of resistance, and a small light history memory.
ABSOLUTE MAXIMUM RATINGS @ 25°C
Maximum Temperatures
Storage and Operating:
–40°C to 75°C
Cell Power:
175 mW
Derate above 30°C:
3.9 mW/°C
LED Current:
40 mA
Derate above 30°C:
0.9 mA/°C
LED Reverse Breakdown Voltage:
3.0 V
1
LED Forward Voltage Drop @ 20 mA:
2.0V (1.65V Typ.)
Min. Isolation Voltage @ 70% Rel. Humidity: 2500 VRMS
Output Cell Capacitance:
5.0 pF
Cell Voltage:
100V (VTL5C1),
200V (VTL5C2)
Input - Output Coupling Capacitance:
0.5 pF
ELECTRO-OPTICAL CHARCTERISTICS @ 25°C
Refer to Specification Notes, page 41.
Part
Number
Material
Type
ON Resistance
OFF
Resistance
@ 10 sec. (Min.)
Slope
(Typ.)
Dynamic Range
(Typ.)
Response Time
Input current
Dark
Adapted
(Typ.)
Turn-on to
63% Final RON
(Typ.)
Turn-off (Decay)
to 100 k
Ω
(Max.)
VTL5C1
1
1 mA
10 mA
40 mA
20 k
Ω
600
Ω
200
Ω
50 M
Ω
15
100 db
2.5 ms
35 ms
VTL5C2
0
1 mA
10 mA
40 mA
5.5 k
Ω
800
Ω
200
Ω
1 M
Ω
24
69 db
3.5 ms
500 ms
2
3
@ 0.5 mA
R@ 5 mA
------------------------
R
DARK
R@ 20 mA
------------------------
4
PerkinElmer Optoelectronics, 10900 Page Ave., St. Louis, MO 63132 USA
Phone: 314-423-4900 Fax: 314-423-3956 Web: www.perkinelmer.com/opto



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com