| 전자부품 데이터시트 검색엔진 |
|
CC2650MODAMOHT 데이터시트(PDF) 6 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CC2650MODAMOHT 데이터시트(HTML) 6 Page - Texas Instruments |
|
6 / 40 page ![]() (Exposed GND Pads) 3 1 2 4 5 6 7 19 21 20 18 17 23 22 10 11 12 13 14 15 16 Antenna GND DIO 0 DIO 1 DIO 2 DIO 3 DIO 4 JTAG_TMS VDD VDD DIO 14 DIO 13 DIO 12 DIO 11 DIO 10 8 9 25 24 GND GND G1 G2 G3 G4 NC NC 6 CC2650MODA SWRS187A – AUGUST 2016 – REVISED AUGUST 2016 www.ti.com Submit Documentation Feedback Product Folder Links: CC2650MODA Terminal Configuration and Functions Copyright © 2016, Texas Instruments Incorporated 4 Terminal Configuration and Functions Section 4.1 shows pin assignments for the CC2650MODA device. 4.1 Module Pin Diagram (1) The following I/O pins marked in bold in the pinout have high-drive capabilities: • DIO 2 • DIO 3 • DIO 4 • JTAG_TMS • DIO 5/JTAG_TDO • DIO 6/JTAG_TDI (2) The following I/O pins marked in italics in the pinout have analog capabilities: • DIO 7 • DIO 8 • DIO 9 • DIO 10 • DIO 11 • DIO 12 • DIO 13 • DIO 14 Figure 4-1. CC2650MODA MOH Package (16.9-mm × 11-mm) Module Pinout |