전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EMC2113 데이터시트(PDF) 41 Page - Microchip Technology

부품명 EMC2113
상세설명  RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2113 데이터시트(HTML) 41 Page - Microchip Technology

Back Button EMC2113_13 Datasheet HTML 37Page - Microchip Technology EMC2113_13 Datasheet HTML 38Page - Microchip Technology EMC2113_13 Datasheet HTML 39Page - Microchip Technology EMC2113_13 Datasheet HTML 40Page - Microchip Technology EMC2113_13 Datasheet HTML 41Page - Microchip Technology EMC2113_13 Datasheet HTML 42Page - Microchip Technology EMC2113_13 Datasheet HTML 43Page - Microchip Technology EMC2113_13 Datasheet HTML 44Page - Microchip Technology EMC2113_13 Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 88 page
background image
RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
Datasheet
 2013 Microchip Technology Inc.
DS20005251A-page 41
58h
R/W
LUT Temp 2
Setting 2
Stores the threshold level for the
External Diode 2 channel that is
associated with the Drive 2 value
7Fh
(127°C)
LUT
Lock
Page 68
59h
R/W
LUT Temp 3
Setting 2
Stores the threshold level for the
External Diode 3 channel (or Pushed
Temp 1 temp) that is associated with
the Drive 2 value
7Fh
(127°C)
LUT
Lock
Page 68
5Ah
R/W
LUT Temp 4
Setting 2
Stores the threshold level for the
Internal Diode channel (or Pushed
Temp 2 temp) that is associated with
the Drive 2 value
7Fh
(127°C)
LUT
Lock
Page 68
5Bh
R/W
LUT Drive 3
Stores the third programmed drive
setting for the LUT
D1h
LUT
Lock
Page 68
5Ch
R/W
LUT Temp 1
Setting 3
Stores the threshold level for the
External Diode 1 channel that is
associated with the Drive 3 value
7Fh
(127°C)
LUT
Lock
Page 68
5Dh
R/W
LUT Temp 2
Setting 3
Stores the threshold level for the
External Diode 2 channel that is
associated with the Drive 3 value
7Fh
(127°C)
LUT
Lock
Page 68
5Eh
R/W
LUT Temp 3
Setting 3
Stores the threshold level for the
External Diode 3 channel (or Pushed
Temp 1 temp) that is associated with
the Drive 3 value
7Fh
(127°C)
LUT
Lock
Page 68
5Fh
R/W
LUT Temp 4
Setting 3
Stores the threshold level for the
Internal Diode channel (or Pushed
Temp 2 temp) that is associated with
the Drive 3 value
7Fh
(127°C)
LUT
Lock
Page 68
60h
R/W
LUT Drive 4
Stores the fourth programmed drive
setting for the LUT
BCh
LUT
Lock
Page 68
61h
R/W
LUT Temp 1
Setting 4
Stores the threshold level for the
External Diode 1channel that is
associated with the Drive 4 value
7Fh
(127°C)
LUT
Lock
Page 68
62h
R/W
LUT Temp 2
Setting 4
Stores the threshold level for the
External Diode 2 channel that is
associated with the Drive 4 value
7Fh
(127°C)
LUT
Lock
Page 68
63h
R/W
LUT Temp 3
Setting 4
Stores the threshold level for the
External Diode 3 channel (or Pushed
Temp 1 temp) that is associated with
the Drive 4 value
7Fh
(127°C)
LUT
Lock
Page 68
64h
R/W
LUT Temp 4
Setting 4
Stores the threshold level for the
Internal Diode channel (or Pushed
Temp 2 temp) that is associated with
the Drive 4 value
7Fh
(127°C)
LUT
Lock
Page 68
65h
R/W
LUT Drive 5
Stores the fifth programmed drive
setting for the LUT
A7h
LUT
Lock
Page 68
66h
R/W
LUT Temp 1
Setting 5
Stores the threshold level for the
External Diode 1 channel that is
associated with the Drive 5 value
7Fh
(127°C)
LUT
Lock
Page 68
Table 7.1 EMC2113 Register Set (continued)
ADDR
R/W
REGISTER
NAME
FUNCTION
DEFAULT
VALUE
LOCK
PAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88