전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EMC2113 데이터시트(PDF) 72 Page - Microchip Technology

부품명 EMC2113
상세설명  RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2113 데이터시트(HTML) 72 Page - Microchip Technology

Back Button EMC2113_13 Datasheet HTML 68Page - Microchip Technology EMC2113_13 Datasheet HTML 69Page - Microchip Technology EMC2113_13 Datasheet HTML 70Page - Microchip Technology EMC2113_13 Datasheet HTML 71Page - Microchip Technology EMC2113_13 Datasheet HTML 72Page - Microchip Technology EMC2113_13 Datasheet HTML 73Page - Microchip Technology EMC2113_13 Datasheet HTML 74Page - Microchip Technology EMC2113_13 Datasheet HTML 75Page - Microchip Technology EMC2113_13 Datasheet HTML 76Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 88 page
background image
RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
Datasheet
DS20005251A-page 72
 2013 Microchip Technology Inc.
7.39
Manufacturer ID Register
The Manufacturer ID Register contains an 8-bit word that identifies Microchip.
7.40
Revision Register
The Revision Register contains an 8-bit word that identifies the die revision.
Table 7.58 Manufacturer ID Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
FEh
R
Manufacturer
ID
01011101
5Dh
Table 7.59 Revision Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
FFh
R
Revision
1
0
0
0
0
0
0
1
81h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88