전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

A25GFO080QL 데이터시트(PDF) 15 Page - AMIC Technology

부품명 A25GFO080QL
상세설명  8Mbit, 3V Suspend/Resume, Dual/Quad-I/O Serial Flash Memory
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMICC [AMIC Technology]
홈페이지  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A25GFO080QL 데이터시트(HTML) 15 Page - AMIC Technology

Back Button A25GFO080QL Datasheet HTML 11Page - AMIC Technology A25GFO080QL Datasheet HTML 12Page - AMIC Technology A25GFO080QL Datasheet HTML 13Page - AMIC Technology A25GFO080QL Datasheet HTML 14Page - AMIC Technology A25GFO080QL Datasheet HTML 15Page - AMIC Technology A25GFO080QL Datasheet HTML 16Page - AMIC Technology A25GFO080QL Datasheet HTML 17Page - AMIC Technology A25GFO080QL Datasheet HTML 18Page - AMIC Technology A25GFO080QL Datasheet HTML 19Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 58 page
background image
A25LQ080 Series
(April, 2016, Version 1.0)
14
AMIC Technology Corp.
Read Status Register (RDSR)
The Read Status Register (RDSR) instruction allows the
Status Register to be read. The instruction code of “05h” is
for Status Register-1 and “35h” is for Status Register-2. The
Status Register may be read at any time, even while a
Program, Erase or Write Status Register cycle is in progress.
When one of these cycles is in progress, it is recommended
to check the Write In Progress (WIP) bit before sending a
new instruction to the device. It is also possible to read the
Status Register continuously, as shown in Figure 5.
Table 4-a Status Register-1 Format
SRP0
SEC
BP2 BP1
BP0 WEL WIP
Status Register Protect 0
(Non-volatile)
Block Protect Bits
(Non-volatile)
Write Enable Latch Bit
Write In Progress Bit
b0
b7
TB
b6
b5
b4
b3
b2
b1
Top/Bottom Bit
(Non-volatile)
Sector Protect
(Non-volatile)
Table 4-b Status Register-2 Format
SUS
CMP
0
0
APT
QE
0
All Protect
(Auto Write Protect)
Reserved
b8
b15
0
b14
b13
b12
b11
b10
b9
Quad Enable
(Non-volatile)
Reserved
Complement Protect
(Non-volatile)
Suspend Status
(Volatile)
The status and control bits of the Status Register are as
follows:
WIP bit.
The Write In Progress (WIP) bit is a read only bit in
the status register (b0) that is set to a 1 state when the
device is busy with a Write Status Register, Program or
Erase cycle. During this time the device will ignore further
instructions except for the Read Status Register, Suspend
and Resume instructions (see tW, tPP, tSE, tBE, and tCE in AC
Characteristics). When the program, erase, write status
register instruction has completed or Program/Erase
Suspend instruction is executed, the WIP bit will be cleared
to a 0 state indicating the device is ready for further
instructions.
WEL bit.
The Write Enable Latch (WEL) bit is a read only bit
in the status register (b1) that is set to a 1 after executing a
Write Enable Instruction. The WEL status bit is cleared to a 0
when the device is write disabled or Program/Erase
suspended. A write disable state occurs upon power-up or
after any of the following instructions: Write Disable, Page
Program, Dual Input Fast Program, Quad Input Fast Program,
Sector Erase, Block Erase, Chip Erase, and Write Status
Register.
BP2, BP1, BP0 bits.
The Block Protect (BP2, BP1, and BP0)
bits are non-volatile read/write bits in the status register (b4,
b3, and b2) that provide Write Protection control and status.
Block Protect bits can be set using the Write Status Register
Instruction (see tW in AC characteristics). All, none or a
portion of the memory array can be protected from Program
and Erase instructions (see Table 1. Protected Area Sizes).
These bits can be set with the Write Status Register
Instruction depending on the state of SRP0 and WEL bit. The
factory default setting for the Block Protect Bits is 0 which
means none of the array protected. For value of BP2, BP1,
BP0 after power-on, see note please.
TB bit.
The non-volatile Top/Bottom (TB) bit controls if the
Block Protect Bits (BP2, BP1, BP0) protect from the Top
(TB=0) or the Bottom (TB=1) of the array as shown in Table 1.
Protected Area Sizes. The factory default setting is TB=0.
The TB bit can be set with the Write Status Register
Instruction depending on the state of SRP0 and WEL bit.
SEC bit.
The non-volatile Sector Protect (SEC) bit in the
status register (b6) controls if the Block Protect Bits (BP2,
BP1, BP0) protect 4KB Sectors (SEC=1) or 64KB Blocks
(SEC=0) in the Top (TB=0) or the Bottom (TB=1) of the array
as shown in Table 1. Protected Area Sizes. This bit can be
set with the Write Status Register Instruction depending on
the state of the SRP0, and WEL bit. The factory default
setting for SEC is 0.
SRP0 bit.
The Status Register Protect bit (SRP0) is a
non-volatile read/write bit in the status register (b7). The
SRP0 bit controls the method of write protection: software
protection, hardware protection, or one time programmable
protection.
QE bit.
The Quad Enable (QE) bit is a non-volatile read/write
bit in the status register (b9) that allows Quad SPI operation.
When QE is set to 0(factory default), the
W pin and
HOLD pin are enabled. When QE is set to 1, the W pin
and
HOLD pin become IO2 and IO3. This bit can be set with
the Write Status Register Instruction depending on the state
of the SRP0 and WEL bit. The factory default setting for QE
is 0.
APT bit.
The All Protect (APT) bit is a non-volatile read/write
bit in the status register (b10). Whole chip will be kept in
write-protect state after power-on if this bit is set to 1. This bit
can be set with the Write Status Register Instruction
depending on the state of SRP0 and WEL bit. The factory
default setting for APT is 0.
CMP bit.
The Complement Protect (CMP) bit is a non-volatile
read/write bit in the status register (b14). It’s used in
conjunction with SEC, TB, BP2, BP1, BP0 bits to provide
more flexibility for the array protection. Once CMP is set to 1,
previous array protection set by SEC, TB, BP2, BP1 and BP0
will be reversed. Please refer to table 1 for more details. The
factory default setting for CMP is 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com