전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

A25GFO080QL 데이터시트(PDF) 50 Page - AMIC Technology

부품명 A25GFO080QL
상세설명  8Mbit, 3V Suspend/Resume, Dual/Quad-I/O Serial Flash Memory
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMICC [AMIC Technology]
홈페이지  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A25GFO080QL 데이터시트(HTML) 50 Page - AMIC Technology

Back Button A25GFO080QL Datasheet HTML 46Page - AMIC Technology A25GFO080QL Datasheet HTML 47Page - AMIC Technology A25GFO080QL Datasheet HTML 48Page - AMIC Technology A25GFO080QL Datasheet HTML 49Page - AMIC Technology A25GFO080QL Datasheet HTML 50Page - AMIC Technology A25GFO080QL Datasheet HTML 51Page - AMIC Technology A25GFO080QL Datasheet HTML 52Page - AMIC Technology A25GFO080QL Datasheet HTML 53Page - AMIC Technology A25GFO080QL Datasheet HTML 54Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 58 page
background image
A25LQ080 Series
(April, 2016, Version 1.0)
49
AMIC Technology Corp.
Table 15. AC Characteristics
Symbol
Alt.
Parameter
Min.
Typ.
Max.
Unit
fC
fC
Clock Frequency for all instructions, except READ (03h)
D.C.
100
MHz
fR
Clock Frequency for READ (03h) instruction
D.C.
50
MHz
tCH
1
tCLH
Clock High Time
5
ns
tCL
1
tCLL
Clock Low Time
5
ns
tCLCH
2
Clock Rise Time
3 (peak to peak)
0.1
V/ns
tCHCL
2
Clock Fall Time
3 (peak to peak)
0.1
V/ns
tSLCH
tCSS
S Active Setup Time (relative to C)
5
ns
tCHSL
S Not Active Hold Time (relative to C)
5
ns
tDVCH
tDSU
Data In Setup Time
3
ns
tCHDX
tDH
Data In Hold Time
3
ns
tCHSH
S Active Hold Time (relative to C)
5
ns
tSHCH
S Not Active Setup Time (relative to C)
5
ns
tSHSL
tCSH
S Deselect Time
30
ns
tSHQZ
2
tDIS
Output Disable Time
7
ns
tCLQV
tV
Clock Low to Output Valid
7
ns
tCLQX
tHO
Output Hold Time
0
ns
tHLCH
HOLD Setup Time (relative to C)
5
ns
tCHHH
HOLD Hold Time (relative to C)
5
ns
tHHCH
HOLD Setup Time (relative to C)
5
ns
tCHHL
HOLD Hold Time (relative to C)
5
ns
tHHQX
2
tLZ
HOLD to Output Low-Z
7
ns
tHLQZ
2
tHZ
HOLD to Output High-Z
7
ns
tWHSL
4
Write Protect Setup Time
20
ns
tSHWL
4
Write Protect Hold Time
100
ns
tDP
2
S High to Deep Power-down Mode
3
µs
tRES1
2
S High to Standby Mode without Electronic Signature Read
1
µs
tRES2
2
S High to Standby Mode with Electronic Signature Read
1
µs
tW
Write Status Register Cycle Time
5
20
ms
Page Program Cycle Time
2
6
ms
tpp
Program OTP Cycle Time
2
3
ms
tSE
Sector Erase Cycle Time
0.08
0.2
s
tBE
Block Erase Cycle Time
0.5
2
s
tCE
Chip Erase Cycle Time of A25LQ080
8
20
s
Note: 1. tCH + tCL must be greater than or equal to 1/ fC
2. Value guaranteed by characterization, not 100% tested in production.
3. Expressed as a slew-rate.
4. Only applicable as a constraint for WRSR instruction when Status Register Protect bit (SRP0) = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com