전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

A25QFO080QL 데이터시트(PDF) 25 Page - AMIC Technology

부품명 A25QFO080QL
상세설명  8Mbit, 3V Suspend/Resume, Dual/Quad-I/O Serial Flash Memory
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMICC [AMIC Technology]
홈페이지  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A25QFO080QL 데이터시트(HTML) 25 Page - AMIC Technology

Back Button A25QFO080QL Datasheet HTML 21Page - AMIC Technology A25QFO080QL Datasheet HTML 22Page - AMIC Technology A25QFO080QL Datasheet HTML 23Page - AMIC Technology A25QFO080QL Datasheet HTML 24Page - AMIC Technology A25QFO080QL Datasheet HTML 25Page - AMIC Technology A25QFO080QL Datasheet HTML 26Page - AMIC Technology A25QFO080QL Datasheet HTML 27Page - AMIC Technology A25QFO080QL Datasheet HTML 28Page - AMIC Technology A25QFO080QL Datasheet HTML 29Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 58 page
background image
A25LQ080 Series
(April, 2016, Version 1.0)
24
AMIC Technology Corp.
Program OTP (POTP)
The Program OTP instruction (POTP) is used to program at
most 64 bytes to the OTP memory area (by changing bits
from 1 to 0, only). Before it can be accepted, a Write Enable
(WREN) instruction must previously have been executed.
After the Write Enable (WREN) instruction has been decoded,
the device sets the Write Enable Latch (WEL) bit.
The Program OTP instruction is entered by driving Chip
Select ( S ) Low, followed by the instruction code, three
address bytes and at least one data byte on Serial Data input
(DI).
Chip Select ( S ) must be driven High after the eighth bit of
the last data byte has been latched in, otherwise the
Program OTP instruction is not executed.
The instruction sequence is shown in Figure 14.
As soon as Chip Select ( S ) is driven High, the self-timed
Page Program cycle (whose duration is tPP) is initiated. While
the Program OTP cycle is in progress, the Status Register
may be read to check the value of the Write In Progress
(WIP) bit. The Write In Progress (WIP) bit is 1 during the
self-timed Program OTP cycle, and it is 0 when it is
completed. At some unspecified time before the cycle is
complete, the Write Enable Latch (WEL) bit is reset.
To lock the OTP memory:
Bit 0 of the OTP control byte, that is byte 63, (see Figure 14)
is used to permanently lock the OTP memory array.
• When bit 0 of byte 63 = ’1’, the OTP memory array can be
programmed.
• When bit 0 of byte 63 = ‘0’, the OTP memory array are
read-only and cannot be programmed anymore.
Once a bit of the OTP memory has been programmed to ‘0’,
it can no longer be set to ‘1’.
Therefore, as soon as bit 0 of address 63h (control byte) is
set to ‘0’, the 64 bytes of the OTP memory array become
read-only in a permanent way.
Any Program OTP (POTP) instruction issued while an Erase,
Program or Write Status Register cycle is in progress is
rejected without having any effect on the cycle that is in
progress.
Figure 14. Program OTP (POTP) instruction sequence
Instruction (42h)
MSB
810
9
0 1 234 5 6 7
24-Bit Address
28 29 30 31
23 22 21
3 21 0
7
0
S
C
DI
S
C
DI
40 41 42 43 44 45 46 47
65 4
1
7
3
48 49 50 51 52 53 54 55
20
Data Byte 2
MSB
MSB
7 6 54 32 1
MSB
7 6 54 32 1 0
0
32 33 34 35 36 37 38 39
Data Byte 1
65 04
21 00
73
MSB
Data Byte 3
Data Byte n
Note: A23 to A6 are don’t care. (1
≤ n ≤ 64)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com