전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

A25QFO080QL 데이터시트(PDF) 40 Page - AMIC Technology

부품명 A25QFO080QL
상세설명  8Mbit, 3V Suspend/Resume, Dual/Quad-I/O Serial Flash Memory
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMICC [AMIC Technology]
홈페이지  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A25QFO080QL 데이터시트(HTML) 40 Page - AMIC Technology

Back Button A25QFO080QL Datasheet HTML 36Page - AMIC Technology A25QFO080QL Datasheet HTML 37Page - AMIC Technology A25QFO080QL Datasheet HTML 38Page - AMIC Technology A25QFO080QL Datasheet HTML 39Page - AMIC Technology A25QFO080QL Datasheet HTML 40Page - AMIC Technology A25QFO080QL Datasheet HTML 41Page - AMIC Technology A25QFO080QL Datasheet HTML 42Page - AMIC Technology A25QFO080QL Datasheet HTML 43Page - AMIC Technology A25QFO080QL Datasheet HTML 44Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 58 page
background image
A25LQ080 Series
(April, 2016, Version 1.0)
39
AMIC Technology Corp.
Program / Erase Resume
The Resume instruction must be written to resume the Sector
or Block Erase operation or the Page Program operation
after a Program/Erase Suspend. The Resume instruction will
be accepted by the device only if the SUS bit in the Status
Register equals to 1 and the WIP bit equals to 0. After issued
the SUS bit will be cleared from 1 to 0 immediately, the WIP
bit will be set from 0 to 1 within 200ns and the Sector or
Block will complete the erase operation or the page will
complete the program operation. If the SUS bit equals to 0 or
the WIP bit equals to 1, the Resume instruction will be
ignored by the device. The Resume instruction sequence is
shown in figure 30.
Resume instruction is ignored if the previous Program/Erase
Suspend operation was interrupted by unexpected power off.
It is also required that a subsequent Program/Erase Suspend
instruction not to be issued within a minimum of time of “tSUS”
following a previous Resume instruction.
Figure 29. Resume Instruction Sequence
S
C
DIO
1 2 3 45 6 7
0
Instruction (7Ah or 30h)
Resume Sector or Block Erase
High Impedance
DO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com