전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RL4Z 데이터시트(PDF) 2 Page - Diode Semiconductor Korea

부품명 RL4Z
상세설명  SUPER FAST RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DSK [Diode Semiconductor Korea]
홈페이지  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

RL4Z 데이터시트(HTML) 2 Page - Diode Semiconductor Korea

  RL4Z Datasheet HTML 1Page - Diode Semiconductor Korea RL4Z Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AMBIENT TEMPERATURE,
FIG.5-- TYPICAL JUNCTION CAPACITANCE
NUMBER OF CYCLES AT 60Hz
REVERSE VOLTAGE, VOLTS
RL 4Z (Z)
FIG.1 -- TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
FIG.4 -- PEAK FORWARD SURGE CURRENT
Z
SETTIMEBASEFOR10/20 ns/cm
NOTES:1.RISETIME= 7ns MAX.INPUTIMPEDANCE =1M . 22pF.
JJJJ 2.RISE TIME =10ns MAX.SOURCE IMPEDANCE=50
.
FIG.2 -- TYPICAL FORWARD CHARACTERISTIC
FIG.3 -- FORWARD DERATING CURVE
PULSE
GENERATOR
(NOTE2)
D.U.T.
1
NONIN-
DUCTIVE
50
N 1.
10
N1.
OSCILLOSCOPE
(NOTE 1)
(+)
25VDC
(approx)
(-)
t rr
-1 .0 A
-0.25A
0
+0.5A
1c m
0.1
1.0
10
100
0
0.4
0.8
1.2
1.6
2.0
2.4
TJ=25
Pulse Width=300
µs
0.2
0.4
2.0
4.0
20
40
20
0
1
1 0
5
100
40
60
80
100
50
8.3ms Single Half
Sine-Wave
0
0
1.0
125
75
100
50
25
2.0
3.0
1.5
0.5
2.5
3.5
150
Single Phase
Half Wave 60H Z
Resistive or
Inductive Load
0.375"(9.5mm)Lead Length
TJ=25
f=1.0MHz
10
20
40
60
100
200
400
600
1000
0.1 0.2
0.4
1
2
4
10
40
100
20
www.diode.kr
Diode Semiconductor Korea



Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com