전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RL4Z 데이터시트(PDF) 1 Page - Diode Semiconductor Korea

부품명 RL4Z
상세설명  SUPER FAST RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DSK [Diode Semiconductor Korea]
홈페이지  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

RL4Z 데이터시트(HTML) 1 Page - Diode Semiconductor Korea

  RL4Z Datasheet HTML 1Page - Diode Semiconductor Korea RL4Z Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Low cos t
Diffus ed junction
Low leakage
and s im ilar s olvents
MECHANICAL DATA
Cas e: JEDEC DO-27, m olded plas tic
MIL-STD-202, Method 208
Mounting: Any
Ratings at 25
am bient tem perature unles s otherwis e s pecified.
Single phas e,half wave,60Hz,res is tive or inductive load. For capacitive load,derate by 20% .
Maximum recurrent peak reverse voltage
VRRM
V
Maximum RMS voltage
VRMS
V
Maximum DC blocking voltage
VDC
V
Maximum average f orw ard rectif ied current
9.5mm lead length,
@T
A =75
Peak f orw ard surge current
8.3ms single half -sine-w ave
superimposed on rated load
@T
J =125
Maximum instantaneous f orw ard voltage
@ 3.5A
VF
V
Maximum reverse current
@T
A =25
at rated DC blocking voltage
@T
A =100
Maximum reverse recovery time
(Note1)
trr
ns
Typical junction capacitance
(Note2)
CJ
pF
Typical thermal resistance
(Note3)
RθJL
/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
3. Therm al res is tanc e f rom junc t ion t o lead.
500.0
The plas tic m aterial carries U/L recognition 94V-0
Term inals : Axial leads ,s olderable per
RL4Z
200
140
RL4 Z(Z)
- 55 ----- + 150
N OTE: 1.Meas ured with I
F=0.5A, I R=1A, I rr=0. 25A.
2. Meas ured at 1. 0MH
Z and applied rev ers e v olt age of 4. 0V D C .
Eas ily cleaned with freon,alcohol, ls opropanol
Polarity: C olor band denotes cathode
Weight: 0.041 ounces , 1.15 gram s
IR
35
- 55 ----- + 150
SUPER FAST RECT IFIER
VOLT AGE RANGE: 200 V
CURRENT : 3.5 A
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
DO - 27
Low forward voltage drop
High current capability
IF(AV)
IFSM
UNITS
8
200
0.95
A
3.5
80.0
A
A
150.0
95
Dimensions in millimeters
www.diode.kr
Diode Semiconductor Korea


유사한 부품 번호 - RL4Z

제조업체부품명데이터시트상세설명
logo
Sanken electric
RL4Z SANKEN-RL4Z Datasheet
22Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
RL4Z SANKEN-RL4Z Datasheet
109Kb / 3P
Ultra-Fast-Recovery Rectifier Diode
logo
Galaxy Semi-Conductor H...
RL4Z BILIN-RL4Z Datasheet
57Kb / 2P
SUPER FAST RECTIFIERS
logo
Shenzhen Luguang Electr...
RL4Z LUGUANG-RL4Z Datasheet
290Kb / 2P
Super Fast Rectifier
logo
Galaxy Semi-Conductor H...
RL4ZZ BILIN-RL4ZZ Datasheet
57Kb / 2P
SUPER FAST RECTIFIERS
More results

유사한 설명 - RL4Z

제조업체부품명데이터시트상세설명
logo
Shanghai Lunsure Electr...
SF101 CHENYI-SF101 Datasheet
151Kb / 2P
SUPER FAST RECTIFIER
SF201 CHENYI-SF201 Datasheet
158Kb / 2P
SUPER FAST RECTIFIER
logo
Galaxy Semi-Conductor H...
SF11 BILIN-SF11 Datasheet
52Kb / 2P
SUPER FAST RECTIFIER
SF31 BILIN-SF31 Datasheet
102Kb / 2P
SUPER FAST RECTIFIER
SF51 BILIN-SF51 Datasheet
54Kb / 2P
SUPER FAST RECTIFIER
BYV27-50 BILIN-BYV27-50 Datasheet
124Kb / 2P
SUPER FAST RECTIFIER
BYM26A BILIN-BYM26A Datasheet
49Kb / 2P
SUPER FAST RECTIFIER
UGP30A BILIN-UGP30A Datasheet
65Kb / 2P
SUPER FAST RECTIFIER
USF21 BILIN-USF21 Datasheet
61Kb / 2P
SUPER FAST RECTIFIER
SF17 BILIN-SF17 Datasheet
144Kb / 2P
SUPER FAST RECTIFIER
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com