전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF7307 데이터시트(PDF) 4 Page - International Rectifier

부품명 IRF7307
상세설명  Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF7307 데이터시트(HTML) 4 Page - International Rectifier

  IRF7307 Datasheet HTML 1Page - International Rectifier IRF7307 Datasheet HTML 2Page - International Rectifier IRF7307 Datasheet HTML 3Page - International Rectifier IRF7307 Datasheet HTML 4Page - International Rectifier IRF7307 Datasheet HTML 5Page - International Rectifier IRF7307 Datasheet HTML 6Page - International Rectifier IRF7307 Datasheet HTML 7Page - International Rectifier IRF7307 Datasheet HTML 8Page - International Rectifier IRF7307 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
IRF7307
1
10
100
0.1
1
10
100
OPERATION IN THIS AREA LIMITED
BY RDS(on)
Single Pulse
T
T
= 150 C
= 25 C
°
°
J
A
V
, Drain-to-Source Voltage (V)
DS
100us
1ms
10ms
25
50
75
100
125
150
0.0
1.0
2.0
3.0
4.0
5.0
6.0
T , Case Temperature
( C)
°
C
Fig 7. Typical Source-Drain Diode
Forward Voltage
Fig 8. Maximum Safe Operating Area
Fig 11a. Gate Charge Test Circuit
Fig 9. Maximum Drain Current Vs.
Ambient Temperature
VDS
4.5V
Pulse Width
≤ 1 µs
Duty Factor
≤ 0.1 %
RD
VGS
RG
D.U.T.
+
-
VDS
90%
10%
VGS
td(on)
tr
td(off) tf
VDD
Fig 10b. Switching Time Waveforms
Fig 10a. Switching Time Test Circuit
QG
QGS
QGD
VG
Charge
Fig 11b. Basic Gate Charge Waveform
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
Ω
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
4.5V
0.1
1
10
100
0.0
0.5
1.0
1.5
2.0
2.5
T = 25°C
T = 150° C
J
J
V
= 0V
GS
V
, Sour ce-to-Dr ain Voltage ( V)
SD
A
N-Channel



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com