전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF7307 데이터시트(PDF) 1 Page - International Rectifier

부품명 IRF7307
상세설명  Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF7307 데이터시트(HTML) 1 Page - International Rectifier

  IRF7307 Datasheet HTML 1Page - International Rectifier IRF7307 Datasheet HTML 2Page - International Rectifier IRF7307 Datasheet HTML 3Page - International Rectifier IRF7307 Datasheet HTML 4Page - International Rectifier IRF7307 Datasheet HTML 5Page - International Rectifier IRF7307 Datasheet HTML 6Page - International Rectifier IRF7307 Datasheet HTML 7Page - International Rectifier IRF7307 Datasheet HTML 8Page - International Rectifier IRF7307 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
IRF7307
HEXFET® Power MOSFET
PD - 9.1242B
8/25/97
l Generation V Technology
l Ultra Low On-Resistance
l Dual N and P Channel Mosfet
l Surface Mount
l Available in Tape & Reel
l Dynamic dv/dt Rating
l Fast Switching
Fifth Generation HEXFETs from International Rectifier
utilize advanced processing techniques to achieve the
lowest possible on-resistance per silicon area. This
benefit, combined with the fast switching speed and
ruggedized device design that HEXFET Power
MOSFETs are well known for, provides the designer
with an extremely efficient device for use in a wide
variety of applications.
The SO-8 has been modified through a customized
leadframe for enhanced thermal characteristics and
multiple-die capability making it ideal in a variety of
power applications. With these improvements, multiple
devices can be used in an application with dramatically
reduced board space. The package is designed for
vapor phase, infra red, or wave soldering techniques.
Power dissipation of greater than 0.8W is possible in
a typical PCB mount application.
D1
N -C H AN N EL M O SF ET
P-CH ANNE L M OS FE T
D1
D2
D2
G1
S2
G2
S1
To p V ie w
8
1
2
3
4
5
6
7
SO-8
Description
N-Ch
P-Ch
VDSS
20V
-20V
RDS(on) 0.050Ω 0.090Ω
Max.
N-Channel
P-Channel
ID @ TA = 25°C
10 Sec. Pulse Drain Current, VGS @ 4.5V
5.7
-4.7
ID @ TA = 25°C
Continuous Drain Current, VGS @ 4.5V
5.2
-4.3
ID @ TA = 70°C
Continuous Drain Current, VGS @ 4.5V
4.1
-3.4
IDM
Pulsed Drain Current

21
-17
PD @TA = 25°C
Power Dissipation
2.0
W
Linear Derating Factor
0.016
W/°C
VGS
Gate-to-Source Voltage
± 12
V
dv/dt
Peak Diode Recovery dv/dt
‚
5.0
-5.0
V/ns
TJ,TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
Parameter
Units
A
Absolute Maximum Ratings
Thermal Resistance Ratings
Parameter
Typ.
Max.
Units
RθJA
Maximum Junction-to-Ambient
„
–––
62.5
°C/W


유사한 부품 번호 - IRF7307

제조업체부품명데이터시트상세설명
logo
Guangdong Youtai Semico...
IRF7307 UMW-IRF7307 Datasheet
491Kb / 9P
Generation V Technology Ultra
logo
EVER SEMICONDUCTOR CO.,...
IRF7307 EVVOSEMI-IRF7307 Datasheet
450Kb / 9P
MOSFET
Rev:2023A2
logo
International Rectifier
IRF7307PBF IRF-IRF7307PBF Datasheet
282Kb / 10P
HEXFET POWER MOSFET
IRF7307PBF IRF-IRF7307PBF Datasheet
287Kb / 10P
GENERATION V TECHNOLOGY
logo
Infineon Technologies A...
IRF7307PBF INFINEON-IRF7307PBF Datasheet
287Kb / 10P
Dual N and P Channel Mospet
10/7/04
More results

유사한 설명 - IRF7307

제조업체부품명데이터시트상세설명
logo
AUK corp
STK730P AUK-STK730P Datasheet
398Kb / 8P
Power MOSFET
logo
Torex Semiconductor
XP131A1145SR TOREX-XP131A1145SR_1 Datasheet
427Kb / 5P
Power MOSFET
XP131A1715SR TOREX-XP131A1715SR_1 Datasheet
439Kb / 5P
Power MOSFET
XP132A1635SR TOREX-XP132A1635SR_1 Datasheet
447Kb / 5P
Power MOSFET
logo
Vishay Siliconix
IRF9Z14S VISHAY-IRF9Z14S Datasheet
2Mb / 8P
Power MOSFET
02-Jun-08
IRF630 VISHAY-IRF630 Datasheet
579Kb / 8P
Power MOSFET
21-Mar-11
IRF634N VISHAY-IRF634N Datasheet
162Kb / 8P
Power MOSFET
19-Jun-08
IRF710 VISHAY-IRF710 Datasheet
1,019Kb / 8P
Power MOSFET
30-May-08
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com