| 전자부품 데이터시트 검색엔진 |
|
M38B53M4-059FP 데이터시트(PDF) 43 Page - Mitsubishi Electric Semiconductor |
|
|
|||||||||||||||||||||||||||||
M38B53M4-059FP 데이터시트(HTML) 43 Page - Mitsubishi Electric Semiconductor |
|
43 / 69 page ![]() MITSUBISHI MICROCOMPUTERS 38B5 Group SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 43 PRELIMINAR Y Notice: This is not a final specification. Some parametric limits are subject to change. Digit data protect function The FLD automatic display RAM is provided with a data protect function that disables the RAM area data to be rewritten as digit data. This function can disable data from being written in optional bits in the RAM area corresponding to P1 to P3. A programming load can be reduced by protecting an area that requires no change after data such as digit data is written. Write digit data beforehand; then set “1” in the corresponding bits. With this, the setting is completed. The data protect area becomes the maximum RAM area of P1 and P3. For example, when bit 0 of P1 is protected in the 16- timing•ordinary mode, bits 0 of RAM addresses 0FD016 to 0FDF16 can be protected. Likewise, in the 16-timing•gradation display mode, bits 0 of addresses 0FD016 to 0FDF16 and 0F8016 to 0F8F16 can be protected. In the 32-timing mode, bits 0 of addresses 0FA016 to 0FBF16 can be protected. Fig. 46 Structure of FLDRAM Write Disable Register b7 b0 P1FLDRAM write disable register (P1FLDRAM : address 0EF216) FLDRAM corresponding to P10 FLDRAM corresponding to P11 FLDRAM corresponding to P12 FLDRAM corresponding to P13 FLDRAM corresponding to P14 FLDRAM corresponding to P15 FLDRAM corresponding to P16 FLDRAM corresponding to P17 b7 b0 0: Operating normally 1: Write disabled P3FLDRAM write disable register (P3FLDRAM : address 0EF316) FLDRAM corresponding to P30 FLDRAM corresponding to P31 FLDRAM corresponding to P32 FLDRAM corresponding to P33 FLDRAM corresponding to P34 FLDRAM corresponding to P35 FLDRAM corresponding to P36 FLDRAM corresponding to P37 0: Operating normally 1: Write disabled |