| 전자부품 데이터시트 검색엔진 |
|
M38B53M4-059FP 데이터시트(PDF) 17 Page - Mitsubishi Electric Semiconductor |
|
|
|||||||||||||||||||||||||||||
M38B53M4-059FP 데이터시트(HTML) 17 Page - Mitsubishi Electric Semiconductor |
|
17 / 69 page ![]() MITSUBISHI MICROCOMPUTERS 38B5 Group SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 17 PRELIMINAR Y Notice: This is not a final specification. Some parametric limits are subject to change. Vector Addresses (Note 1) Interrupt Request Interrupt Source Priority Remarks High Low Generating Conditions Reset (Note 2) 1 FFFD16 FFFC16 At reset Non-maskable INT0 2 FFFB16 FFFA16 At detection of either rising or falling edge of External interrupt INT0 input (active edge selectable) INT1 3 FFF916 FFF816 At detection of either rising or falling edge of External interrupt INT1 input (active edge selectable) INT2 4 FFF716 FFF616 At detection of either rising or falling edge of External interrupt INT2 input (active edge selectable) Remort control/ At 8-bit counter overflow Valid when interrupt interval counter overflow determination is operating Serial I/O1 5 FFF516 FFF416 At completion of data transfer Valid when serial I/O1 ordinary mode is selected Serial I/O1 auto- At completion of the last data transfer Valid when serial I/O1 automatic matic transfer transfer mode is selected Timer X 6 FFF316 FFF216 At timer X underflow Timer 1 7 FFF116 FFF016 At timer 1 underflow Timer 2 8 FFEF16 FFEE16 At timer 2 underflow STP release timer underflow Timer 3 9 FFED16 FFEC16 At timer 3 underflow Timer 4 10 FFEB16 FFEA16 At timer 4 underflow Timer 5 11 FFE916 FFE816 At timer 5 underflow Timer 6 12 FFE716 FFE616 At timer 6 underflow Serial I/O2 receive 13 FFE516 FFE416 At completion of serial I/O2 data receive INT3 14 FFE316 FFE216 At detection of either rising or falling edge of External interrupt INT3 input (active edge selectable) Serial I/O2 transmit At completion of data transmit INT4 15 FFE116 FFE016 At detection of either rising or falling edge of External interrupt INT4 input (active edge selectable) Valid when INT4 interrupt is selected A-D conversion At completion of A-D conversion Valid when A-D conversion is selected FLD blanking 16 FFDF16 FFDE16 At falling edge of the last timing immediately Valid when FLD blanking before blanking period starts interrupt is selected FLD digit At rising edge of each digit Valid when FLD digit interrupt is selected BRK instruction 17 FFDD16 FFDC16 At BRK instruction execution Non-maskable software interrupt Table 6 Interrupt Vector Addresses and Priority Notes 1 : Vector addresses contain interrupt jump destination addresses. 2 : Reset function in the same way as an interrupt with the highest priority. |