전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2N3767 데이터시트(PDF) 2 Page - Inchange Semiconductor Company Limited

부품명 2N3767
상세설명  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ISC [Inchange Semiconductor Company Limited]
홈페이지  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2N3767 데이터시트(HTML) 2 Page - Inchange Semiconductor Company Limited

  2N3767 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2N3767 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
2
isc Silicon NPN Power Transistor
2N3767
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage
IC= 30mA; IB= 0
80
V
VCE(sat)-1
Collector-Emitter Saturation Voltage
IC= 0.5A; IB= 50mA
1.0
V
VCE(sat)-2
Collector-Emitter Saturation Voltage
IC= 1A; IB= 0.1A
2.5
V
VBE(on)
Base-Emitter On Voltage
IC= 1A; VCE= 10V
1.5
V
ICEO
Collector Cutoff Current
VCE= 80V; IB= 0
0.7
mA
ICBO
Collector Cutoff Current
VCB= 100V; IE= 0
VCB= 100V; IE= 0,TC=150℃
0.1
1.0
mA
IEBO
Emitter Cutoff Current
VEB= 6V; IC= 0
0.75
mA
hFE-1
DC Current Gain
IC= 50mA ; VCE= 5V
30
hFE-2
DC Current Gain
IC= 0.5A; VCE= 5V
40
160
hFE-3
DC Current Gain
IC= 1A; VCE= 10V
20
fT
Current Gain-Bandwidth Product
IC= 0.5A; VCE= 10V; f=10MHz
10
MHz



Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com