전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2N3767 데이터시트(PDF) 1 Page - Inchange Semiconductor Company Limited

부품명 2N3767
상세설명  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ISC [Inchange Semiconductor Company Limited]
홈페이지  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2N3767 데이터시트(HTML) 1 Page - Inchange Semiconductor Company Limited

  2N3767 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2N3767 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
1
isc Silicon NPN Power Transistor
2N3767
DESCRIPTION
·
Continuous Collector Current IC= 4A
·
Collector Power Dissipation-
: PC= 20W @TC= 25℃
APPLICATIONS
·
Designed for power amplifier and medium speed switching
applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
8.75
/W
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
100
V
VCEO
Collector-Emitter Voltage
80
V
VEBO
Emitter-Base Voltage
6
V
IC
Collector Current-Continuous
4
A
IB
Base Current-Continuous
2
A
PC
Collector Power Dissipation@TC=25℃
20
W
TJ
Junction Temperature
200
Tstg
Storage Temperature
-65~200


유사한 부품 번호 - 2N3767

제조업체부품명데이터시트상세설명
logo
Microsemi Corporation
2N3767 MICROSEMI-2N3767 Datasheet
59Kb / 3P
NPN POWER SILICON TRANSISTOR
logo
Seme LAB
2N3767 SEME-LAB-2N3767 Datasheet
11Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO66 Metal Package
logo
Central Semiconductor C...
2N3767 CENTRAL-2N3767 Datasheet
51Kb / 1P
Power Transistors
logo
List of Unclassifed Man...
2N3767 ETC-2N3767 Datasheet
347Kb / 8P
Power Transistors
logo
Seme LAB
2N3767 SEME-LAB-2N3767 Datasheet
163Kb / 2P
SILICON NPN TRANSISTOR
More results

유사한 설명 - 2N3767

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
BD907 ISC-BD907 Datasheet
106Kb / 2P
isc Silicon NPN Power Transistor
BU2727AF ISC-BU2727AF Datasheet
98Kb / 2P
isc Silicon NPN Power Transistor
BU326 ISC-BU326 Datasheet
57Kb / 2P
isc Silicon NPN Power Transistor
BU326A ISC-BU326A Datasheet
129Kb / 2P
isc Silicon NPN Power Transistor
MJ413 ISC-MJ413 Datasheet
71Kb / 2P
isc Silicon NPN Power Transistor
BUX47A ISC-BUX47A Datasheet
76Kb / 2P
isc Silicon NPN Power Transistor
BUV48CFI ISC-BUV48CFI Datasheet
111Kb / 2P
isc Silicon NPN Power Transistor
BUV70 ISC-BUV70 Datasheet
102Kb / 2P
isc Silicon NPN Power Transistor
BU406 ISC-BU406 Datasheet
134Kb / 3P
isc Silicon NPN Power Transistor
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com