| 전자부품 데이터시트 검색엔진 |
|
MPC185 데이터시트(PDF) 1 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
MPC185 데이터시트(HTML) 1 Page - Motorola, Inc |
|
1 / 12 page ![]() This technical summary provides an overview of the MPC185 Security Processor, including a brief development history, target applications, key features, typical system architecture, device architectural overview, and a performance summary. 1 Development History The MPC185 belongs to the Smart Networks platform’s S1 family of security processors developed for the commercial networking market. This product family is derived from security technologies Motorola has developed over the last 30 years, primarily for government applications. The fifth-generation execution units (EU) have been proven in Motorola semi-custom ICs and in the MPC180 and MPC190, two products in Motorola’s security processor line. 2 Typical Applications The MPC185 is suited for applications such as the following: • Edge routers • Broadband access equipment • eCommerce servers • Wireless base stations • WAP gateways 3 Features The MPC185 is a flexible and powerful addition to any networking or computing system using the Motorola PowerQUICC II line of integrated communications processors, or any system supporting the 60x bus protocol. The MPC185 is designed to offload computationally intensive security functions, such as key generation and exchange, authentication, and bulk encryption from the host processor with PowerPC architecture. The MPC185 is optimized to process all the algorithms associated with IPSec, IKE, WTLS/WAP, SSL/TLS and 3GPP. In addition, the Motorola family of security co-processors Advance Information MPC185TS/D Rev.2.1,2/2003 MPC185 Security Processor Technical Summary Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
유사한 부품 번호 - MPC185 |
|
유사한 설명 - MPC185 |