전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MPC8248CZQB 데이터시트(PDF) 46 Page - Motorola, Inc

부품명 MPC8248CZQB
상세설명  MPC8272 PowerQUICC II Family Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC8248CZQB 데이터시트(HTML) 46 Page - Motorola, Inc

Back Button MPC8248CZQB Datasheet HTML 42Page - Motorola, Inc MPC8248CZQB Datasheet HTML 43Page - Motorola, Inc MPC8248CZQB Datasheet HTML 44Page - Motorola, Inc MPC8248CZQB Datasheet HTML 45Page - Motorola, Inc MPC8248CZQB Datasheet HTML 46Page - Motorola, Inc MPC8248CZQB Datasheet HTML 47Page - Motorola, Inc MPC8248CZQB Datasheet HTML 48Page - Motorola, Inc MPC8248CZQB Datasheet HTML 49Page - Motorola, Inc MPC8248CZQB Datasheet HTML 50Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 56 page
background image
46
MPC8272 PowerQUICC II™ Family Hardware Specifications
MOTOROLA
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
Pinout
Pinout
PCI_AD17
AF17
PCI_AD18
AD16
PCI_AD19
AC16
PCI_AD20
AF18
PCI_AD21
AB16
PCI_AD22
AD17
PCI_AD23
AF19
PCI_AD24
AB17
PCI_AD25
AF20
PCI_AD26
AE19
PCI_AD27
AC18
PCI_AD28
AB18
PCI_AD29
AD19
PCI_AD30
AD21
PCI_AD31
AC20
PCI_C0/BE0
AE12
PCI_C1/BE1
AF13
PCI_C2/BE2
AC15
PCI_C3/BE3
AE18
IRQ0/NMI_OUT
A17
TRST 2
E21
TCK
B22
TMS
C23
TDI
B24
TDO
A22
TRIS
B23
PORESET2/PCI_RST
C24
HRESET
D22
SRESET
F22
RSTCONF
A24
MODCK1/RSRV/TC0/BNKSEL0
A20
MODCK2/CSE0/TC1/BNKSEL1
C20
Table 19. Pinout (continued)
Pin Name
Ball
MPC8272/MPC8248 and
MPC8271/MPC8247
MPC8272/MPC8271 only
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56