전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MPC8248CZQB 데이터시트(PDF) 27 Page - Motorola, Inc

부품명 MPC8248CZQB
상세설명  MPC8272 PowerQUICC II Family Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC8248CZQB 데이터시트(HTML) 27 Page - Motorola, Inc

Back Button MPC8248CZQB Datasheet HTML 23Page - Motorola, Inc MPC8248CZQB Datasheet HTML 24Page - Motorola, Inc MPC8248CZQB Datasheet HTML 25Page - Motorola, Inc MPC8248CZQB Datasheet HTML 26Page - Motorola, Inc MPC8248CZQB Datasheet HTML 27Page - Motorola, Inc MPC8248CZQB Datasheet HTML 28Page - Motorola, Inc MPC8248CZQB Datasheet HTML 29Page - Motorola, Inc MPC8248CZQB Datasheet HTML 30Page - Motorola, Inc MPC8248CZQB Datasheet HTML 31Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 56 page
background image
27
MPC8272 PowerQUICC II™ Family Hardware Specifications
MOTOROLA
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
Clock Configuration Modes
Clock Configuration Modes
Table 16. Clock Configurations for PCI Host Mode (PCI_MODCK=1) 1, 2
Mode 3
Bus Clock
(MHz)
CPM
Multiplication
Factor 4
CPM Clock
(MHz)
CPU
Multiplication
Factor 5
CPU Clock
(MHz)
PCI
Division
Factor
PCI Clock
(MHz)
MODCK_H-
MODCK[1-3]
Low
High
Low
High
Low
High
Low
High
Default Modes (MODCK_H=0000)
0000_000
50.0
100.0
2
100.0 200.0
2.5
125.0 250.0
4
25.0
50.0
0000_001
50.0
100.0
2
100.0 200.0
3
150.0 300.0
4
25.0
50.0
0000_010
60.0
120.0
2.5
150.0 300.0
3
180.0 360.0
6
25.0
50.0
0000_011
71.4
120.0
2.5
178.6 300.0
3.5
250.0 420.0
6
29.8
50.0
0000_100
62.5
120.0
2.5
156.3 300.0
4
250.0 480.0
6
26.0
50.0
0000_101
50.0
100.0
3
150.0 300.0
3
150.0 300.0
6
25.0
50.0
0000_110
71.4
100.0
3
214.3 300.0
3.5
250.0 350.0
6
35.7
50.0
0000_111
62.5
100.0
3
187.5 300.0
4
250.0 400.0
6
31.3
50.0
Full Configuration Modes
0001_000
50.0
100.0
3
150.0 300.0
5
250.0 500.0
6
25.0
50.0
0001_001
50.0
100.0
3
150.0 300.0
6
300.0 600.0
6
25.0
50.0
0001_010
50.0
100.0
3
150.0 300.0
7
350.0 700.0
6
25.0
50.0
0001_011
50.0
100.0
3
150.0 300.0
8
400.0 800.0
6
25.0
50.0
0010_000
50.0
100.0
4
200.0 400.0
5
250.0 500.0
8
25.0
50.0
0010_001
50.0
100.0
4
200.0 400.0
6
300.0 600.0
8
25.0
50.0
0010_010
50.0
100.0
4
200.0 400.0
7
350.0 700.0
8
25.0
50.0
0010_011
50.0
100.0
4
200.0 400.0
8
400.0 800.0
8
25.0
50.0
0010_100
50.0
75.0
4
200.0 300.0
5
250.0 375.0
6
33.3
50.0
0010_101
45.5
75.0
4
181.8 300.0
5.5
250.0 412.5
6
30.3
50.0
0010_110
41.7
75.0
4
166.7 300.0
6
250.0 450.0
6
27.8
50.0
0011_000
50.0
50.0
5
250.0 250.0
5
250.0 250.0
5
50.0
50.0
0011_001
41.7
50.0
5
208.3 250.0
6
250.0 300.0
5
41.7
50.0
0011_010
35.7
50.0
5
178.6 250.0
7
250.0 350.0
5
35.7
50.0
0011_011
31.3
50.0
5
156.3 250.0
8
250.0 400.0
5
31.3
50.0
0100_000
Reserved
0100_001
41.7
50.0
6
250.0 300.0
6
250.0 300.0
6
41.7
50.0
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56