전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MPC8272CVRB 데이터시트(PDF) 50 Page - Motorola, Inc

부품명 MPC8272CVRB
상세설명  MPC8272 PowerQUICC II Family Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC8272CVRB 데이터시트(HTML) 50 Page - Motorola, Inc

Back Button MPC8272CVRB Datasheet HTML 46Page - Motorola, Inc MPC8272CVRB Datasheet HTML 47Page - Motorola, Inc MPC8272CVRB Datasheet HTML 48Page - Motorola, Inc MPC8272CVRB Datasheet HTML 49Page - Motorola, Inc MPC8272CVRB Datasheet HTML 50Page - Motorola, Inc MPC8272CVRB Datasheet HTML 51Page - Motorola, Inc MPC8272CVRB Datasheet HTML 52Page - Motorola, Inc MPC8272CVRB Datasheet HTML 53Page - Motorola, Inc MPC8272CVRB Datasheet HTML 54Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 56 page
background image
50
MPC8272 PowerQUICC II™ Family Hardware Specifications
MOTOROLA
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
Pinout
Pinout
I/O power
B4, F3, J2, N4, AD1, AD5, AE8,
AC13, AD18, AB24, AB26, W23,
R25, M25, F25, C25, C22, B17,
B12, B8, E6, F6, H6, L5, L6, P6,
T6, U6, V5, Y5, AA6, AA8, AA10,
AA11, AA14, AA16, AA17, AB19,
AB20, W21, U21, T21, P21, N21,
M22, J22, H21, F21, F19, F17,
E16, F14, E13, E12, F10, E10, E9
Core Power
F5, K5, M5, AA5, AB7, AA13,
AA19, AA21, Y22, AC25, U22,
R22, L21, H22, E22, E20, E15,
F13, F11, F8, L3, V4, W3, AC11,
AD11, AB15, U25, T24, J24, H25,
F23, B19, D17, C17, D10, C10
Ground
E19, E2, K1, Y2, AE1, AE4, AD9,
AC14, AE17, AC19, AE25, V24,
P26, M26, G26, E26, B21, C12,
C11, C8, A8, B18, A18, A2, B1, B2,
A5, C5, D4, D6, G2, L4, P1, R1,
R4, AC4, AE7, AC23, Y25, N24,
J23, A23, D23, D20, E18, A13,
A16, K10, K11, K12, K13, K14,
K15, K16, K17, L10, L11, L12, L13,
L14, L15, L16, L17, M10, M11,
M12, M13, M14, M15, M16, M17,
N10, N11, N12, N13, N14, N15,
N16, N17, P10, P11, P12, P13,
P14, P15, P16, P17, R10,
R11,R12, R13, R14, R15, R16,
R17, T10, T11, T12, T13, T14, T15,
T16, T17, U10, U11, U12, U13,
U14, U15, U16, U17
1 Must be tied to ground.
2 Should be tied to VDDH via a 2K
Ω external pull-up resistor.
3 The default configuration of the CPM pins (PA[8–31], PB[18–31], PC[0–1,4–29], PD[7–25, 29–31]) is input.To prevent
excessive DC current, it is recommended either to pull unused pins to GND or VDDH, or to configure them as outputs.
4 This pin is not connected. It should be left floating.
5 Must be pulled down or left floating
Table 19. Pinout (continued)
Pin Name
Ball
MPC8272/MPC8248 and
MPC8271/MPC8247
MPC8272/MPC8271 only
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com