전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM810TWX6F 데이터시트(PDF) 13 Page - STMicroelectronics

부품명 STM810TWX6F
상세설명  Reset Circuit
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM810TWX6F 데이터시트(HTML) 13 Page - STMicroelectronics

Back Button STM810TWX6F Datasheet HTML 9Page - STMicroelectronics STM810TWX6F Datasheet HTML 10Page - STMicroelectronics STM810TWX6F Datasheet HTML 11Page - STMicroelectronics STM810TWX6F Datasheet HTML 12Page - STMicroelectronics STM810TWX6F Datasheet HTML 13Page - STMicroelectronics STM810TWX6F Datasheet HTML 14Page - STMicroelectronics STM810TWX6F Datasheet HTML 15Page - STMicroelectronics STM810TWX6F Datasheet HTML 16Page - STMicroelectronics STM810TWX6F Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
13/18
STM809/810/811/812
PACKAGE MECHANICAL
Figure 16. SOT23-3 – 3-lead Small Outline Transistor Package Outline
Note: Drawing is not to scale.
Table 6. SOT23-3 – 3-lead Small Outline Transistor Package Mechanical Data
Symbol
mm
inches
Typ
Min
Max
Typ
Min
Max
A
0.89
1.12
0.035
0.044
A1
0.01
0.10
0.001
0.004
A2
0.88
1.02
0.035
0.042
b
0.30
0.50
0.012
0.020
C
0.08
0.20
0.003
0.008
D
2.80
3.04
0.110
0.120
E
2.10
2.64
0.083
0.104
E1
1.20
1.40
0.047
0.055
e
0.89
1.03
0.035
0.041
e1
1.78
2.05
0.070
0.081
L
0.54
0.021
L1
0.40
0.60
0.016
0.024
Θ
0°
8°
0°
8°
N3
3
SOT23-3
0.10 C
A
A2
A1
3X
C
C
L1
θ
L
C
e1
D
e
3X b
E
M
0.15
CA B
B
E1
A
M
0.20
C A B
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18