| 전자부품 데이터시트 검색엔진 |
|
STM810TWX6F 데이터시트(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM810TWX6F 데이터시트(HTML) 14 Page - STMicroelectronics |
|
14 / 18 page ![]() STM809/810/811/812 14/18 Figure 17. SOT143-4 – 4-lead Small Outline Transistor Package Outline Note: Drawing is not to scale. Table 7. SOT143-4 – 4-lead Small Outline Transistor Package Mechanical Data Symbol mm inches Typ Min Max Typ Min Max A 0.89 1.12 0.035 0.044 A1 0.01 0.10 0.001 0.004 A2 0.88 1.02 0.035 0.042 b 0.37 0.51 0.015 0.020 b2 0.76 0.94 0.030 0.037 C 0.09 0.18 0.004 0.007 D 2.80 3.04 0.110 0.120 E 2.10 2.64 0.083 0.104 E1 1.20 1.40 0.047 0.055 e 1.92 0.076 e1 0.20 0.008 L 0.55 0.022 L1 0.40 0.60 0.016 0.024 Θ 0° 10° 0° 10° N4 4 SOT143-4 0.10 C A A2 A1 4X b2 C M CA B 0.15 C L1 θ L C e1 D e e/2 E M 0.15 CA B B E1 A M CA B 3X b 0.20 1 |