전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LDO03C-005W05-VJ 데이터시트(PDF) 1 Page - Artesyn Technologies

부품명 LDO03C-005W05-VJ
상세설명  POWER 15 Watts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ARTESYN [Artesyn Technologies]
홈페이지  
Logo ARTESYN - Artesyn Technologies

LDO03C-005W05-VJ 데이터시트(HTML) 1 Page - Artesyn Technologies

  LDO03C-005W05-VJ_14 Datasheet HTML 1Page - Artesyn Technologies LDO03C-005W05-VJ_14 Datasheet HTML 2Page - Artesyn Technologies LDO03C-005W05-VJ_14 Datasheet HTML 3Page - Artesyn Technologies LDO03C-005W05-VJ_14 Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
POWER
LDO03C Series
15 Watts
Total Power:
15 Watts
Input Voltage: 3 - 13.8 Vdc
# of Outputs:
Single
Special featureS
ƒ
3 A output current rating
ƒ
Input voltage range: 3 - 13.8 Vdc
ƒ
Adjustable out voltage: 0.59 - 5.1 V
ƒ
Optional factory setting with power
good
ƒ
Excellent transient response
ƒ
Power enable
ƒ
Minimum airflow
ƒ
Small package
ƒ
Termination voltage capability
ƒ
RoHS compliant
SafetY
ƒ
UL, cUL 60950-1
ƒ
TÜV Product Service (EN60950)
ƒ
IEC60950
Electrical Specifications
Input
Input range:
3 - 13.8 Vdc
Input current:
Minimum load
Remote OFF
50 mA
5 mA
Input current (max.):
See Note 3
3 A @ lo max.
Start-up time
Power up
Remote ON/OFF
3 ms
2 ms
Output
Maximum power:
See Note 5
0.59 - 5.1 V
Output setpoint accuracy:
0.1% trim resistors
±1.0%
Line regulation:
Low line to high line
±0.5%
Load regulation:
Full load to min. load
±0.5%
Min./max. load:
0 A/3 A
Overshoot:
At turn-on
0.5% max.
Undershoot:
At turn-off
100 mV max.
Ripple and noise
5 Hz to 20 MHz:
See Note 1
25 mV
Vin = 5 V, Vout = 2.5 V
Transient response:
See Note 1, 2
235 mV max. deviation 20 μs
recovery to within regulation band
General
Efficiency (high input):
Vin = 5 V, Vo = 2.5 V, lo = 3 A
90%
Switching frequency:
Fixed
1.5 MHz
Material flammability:
UL94V-0
Weight:
1.7 g (0.06 oz.)
MTBF:
12 V @ 40 °C, 100% load
Bellcore 332
10,000,000 hours
Coplanarity:
Surface mount models
50 μm
Data Sheet


유사한 부품 번호 - LDO03C-005W05-VJ_14

제조업체부품명데이터시트상세설명
logo
Artesyn Technologies
LDO03C-005W05-VJ ARTESYN-LDO03C-005W05-VJ Datasheet
833Kb / 21P
Single Output C Class Non-Isolated DC/DC Converter
logo
Emerson Network Power
LDO03C-005W05-VJ EMERSON-NETWORKPOWER-LDO03C-005W05-VJ Datasheet
120Kb / 4P
LDO03C Series
More results

유사한 설명 - LDO03C-005W05-VJ_14

제조업체부품명데이터시트상세설명
logo
Astec America, Inc
AUG05K48 ASTEC-AUG05K48 Datasheet
90Kb / 2P
15 Watts Embedded Power
logo
Power Mate Technology C...
FDC15-24S05 P-DUKE-FDC15-24S05 Datasheet
241Kb / 3P
15 WATTS OUTPUT POWER
FEC15-12S33 P-DUKE-FEC15-12S33 Datasheet
281Kb / 3P
15 WATTS OUTPUT POWER
FEC15-24S3P3W P-DUKE-FEC15-24S3P3W Datasheet
254Kb / 3P
15 WATTS OUTPUT POWER
LCD15-12S3P3 P-DUKE-LCD15-12S3P3 Datasheet
329Kb / 3P
15 WATTS MAXIMUM OUTPUT POWER
LED15-24S3P3 P-DUKE-LED15-24S3P3 Datasheet
328Kb / 3P
15 WATTS MAXIMUM OUTPUT POWER
logo
Bothhand USA, LP.
SP9801 BOTHHAND-SP9801 Datasheet
50Kb / 1P
15 Watts Switching Power Supply
logo
Artesyn Technologies
AEE04F18-LS ARTESYN-AEE04F18-LS Datasheet
659Kb / 3P
POWER 15 Watts
LGA03C-00SADJJ ARTESYN-LGA03C-00SADJJ_15 Datasheet
712Kb / 4P
15 - 100 Watts POWER
logo
Wall Industries,Inc.
JF24S3.3-3500 WALL-JF24S3.3-3500_16 Datasheet
441Kb / 6P
15 Watts Maximum Output Power
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com